Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSK.230..PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-VSK.230..PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.230..PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-VSK.230..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-VSK.230..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 12-Nov-2018
5
Document Number: 93053
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - On-State Power Loss Characteristics
Fig. 9 - On-State Power Loss Characteristics
Fig. 10 - On-State Voltage Drop Characteristics
Fig. 11 - Reverse Recovery Charge Characteristics
Total Output Current (A)
Maximum Allowable Ambient Temperature (°C)
20
40
60
80
100
120
1050
900
750
1500
1350
1200
600
450
300
150
0
250 300 350 400 450
200
150
100
50
0
2 x VSK.230..Series
Single phase bridge
connected
T
J = 130 °C
+
-
180° (Sine)
180° (Rect.)
0.08
K/W
0.1
K/W
0.16
K/W
0.2
K/W
1.5 K/W
Total Output Current (A)
Maximum Allowable Ambient Temperature (°C)
20
40
60
80
100
120
1400
1200
1000
2000
1800
1600
800
600
400
200
0
300
500
400
600
200
100
0
+
-
3 x VSK.230..Series
Three phase bridge
connected
T
J = 130 °C
120° (Rect.)
0.04
K/W
0.05
K/W
0.06
K/W
0.25 K/W
0.16
K/W
0.12
K/W
0.08
K/W
0.1
K/W
Instantaneous On-State Voltage (V)
VSK.230..Series
Per Junction
T
J = 25 °C
T
J = 130 °C
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
10 000
1000
100
200
400
600
800
1000
1200
1400
1600
1800
0
10
20
30
40
50
60
70
80
90 100
VSK.230..Series
Per Junction
T
J = 130 °C
dI/dt - Rate of Fall of On-State Current (A/μs)
I
TM = 800 A
500 A
300 A
200 A
100 A
50 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com