Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4513GD Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4513GD
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4513GD Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4513GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4513GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4513GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4513GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4513GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4513GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4513GD Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Low Gate Charge
N-CH BVDSS
35V
▼ Fast Switching Speed
RDS(ON)
36mΩ
▼ PDIP-8 Package
ID
5.8A
▼ RoHS Compliant
P-CH
BVDSS
-35V
RDS(ON)
68mΩ
Description
ID
-4.3A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
35
-35
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25℃
Continuous Drain Current
3
5.8
-4.3
A
ID@TA=70℃
Continuous Drain Current
3
4.7
-3.4
A
IDM
Pulsed Drain Current
1
20
-20
A
PD@TA=25℃
Total Power Dissipation
W
Linear Derating Factor
W/℃
EAS
Single Pulse Avalanche Energy
4
12.5
12.5
mJ
IAR
Avalanche Current
5
-5
A
EAR
Repetitive Avalanche Energy
1
0.05
0.05
mJ
TSTG
Storage Temperature Range
℃
TJ
Operating Junction Temperature Range
℃
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
℃/W
Data and specifications subject to change without notice
Parameter
200615051-1/7
Thermal Data
AP4513GD
Pb Free Plating Product
-55 to 150
-55 to 150
2
0.016
G2
D2
S2
G1
D1
S1
D1
D1
D2
D2
S1
G1
S2
G2
PDIP-8
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.


Similar Part No. - AP4513GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
Low Gate Charge
More results

Similar Description - AP4513GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com