Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1235T-8I Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1235T-8I
Description  12 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235T-8I Datasheet(HTML) 3 Page - STMicroelectronics

  T1235T-8I Datasheet HTML 1Page - STMicroelectronics T1235T-8I Datasheet HTML 2Page - STMicroelectronics T1235T-8I Datasheet HTML 3Page - STMicroelectronics T1235T-8I Datasheet HTML 4Page - STMicroelectronics T1235T-8I Datasheet HTML 5Page - STMicroelectronics T1235T-8I Datasheet HTML 6Page - STMicroelectronics T1235T-8I Datasheet HTML 7Page - STMicroelectronics T1235T-8I Datasheet HTML 8Page - STMicroelectronics T1235T-8I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T1235T-8I
Characteristics
DocID030976 Rev 2
3/9
Table 4: Static characteristics
Symbol
Test conditions
Tj
Value
Unit
VTM(1)
IT = 17 A, tp = 380 µs
25 °C
Max.
1.60
V
VTO(1)
Threshold on-state voltage
150 °C
Max.
0.85
V
RD(1)
Dynamic resistance
150 °C
Max.
50
mΩ
IDRM/IRRM
VDRM = VRRM = 800 V
25 °C
Max.
5
µA
125°C
1
mA
VDRM = VRRM = 600 V
150 °C
Max.
3.1
mA
Notes:
(1)For both polarities of A2 referenced to A1.
Table 5: Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
Max.
2.6
°C/W
Rth(j-a)
Junction to ambient
Typ.
60



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com