Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1650 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1650
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1650 Datasheet(HTML) 1 Page - STMicroelectronics

  T1650 Datasheet HTML 1Page - STMicroelectronics T1650 Datasheet HTML 2Page - STMicroelectronics T1650 Datasheet HTML 3Page - STMicroelectronics T1650 Datasheet HTML 4Page - STMicroelectronics T1650 Datasheet HTML 5Page - STMicroelectronics T1650 Datasheet HTML 6Page - STMicroelectronics T1650 Datasheet HTML 7Page - STMicroelectronics T1650 Datasheet HTML 8Page - STMicroelectronics T1650 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
A2
A1
A2
D²PAK
TO-220AB
TO-220AB Ins.
A2
A1
G
G
A1
G
A2
A1
G
A2
A2
Features
•
Medium current Triac
•
Low thermal resistance with clip bonding
•
Low thermal resistance insulation ceramic for insulated BTA
•
High commutation (4Q) or very high commutation (3Q, Snubberless™)
capability
•
BTA series UL1557 certified (file ref: 81734)
•
Packages are RoHS (2002/95/EC) compliant
•
Insulated tab (BTA series, rated at 2500 VRMS)
Applications
•
Snubberless versions (BTA/BTB...W and T1635) especially recommended for
use on inductive loads, because of their high commutation performances
•
On/off or phase angle function in applications such as static relays, light
dimmers and appliance motor speed controllers
Description
Available either in through-hole or surface mount packages, the BTA16, BTB16 and
T1610, T1635 and T1650 Triac series are suitable for general purpose mains power
AC switching. They can be used as ON/OFF function in applications such as static
relays, heating regulation or induction motor starting circuit. They are also
recommended for phase control operations in light dimmers and appliance motors
speed controllers.
The Snubberless™ versions (W suffix and T1610, T1635, T1650) are especially
recommended for use on inductive loads, because of their high commutation
performance.
By using an internal ceramic pad, the Snubberless™ series provide an insulated tab
(rated at 2500 VRMS) complying with UL standards (file reference: E81734).
Product status link
BTA16
BTB16
T1610
T1635
T1650
Product summary
IT(RMS)
16 A
VDRM/VRRM
600, 800 V
IGTSnubberless™
10, 35, 50 mA
IGTstandard
25, 50 mA
Snubberless™, logic level and standard 16 A Triacs
T1610, T1635, T1650
BTA16, BTB16
Datasheet
DS2114 - Rev 11 - May 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - T1650

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
T1650-600 YENYO-T1650-600 Datasheet
916Kb / 2P
TRIAC
logo
STMicroelectronics
T1650-600G STMICROELECTRONICS-T1650-600G Datasheet
103Kb / 5P
HIGH PERFORMANCE TRIAC
May-1998
logo
Inchange Semiconductor ...
T1650-600G ISC-T1650-600G Datasheet
299Kb / 3P
isc Triacs
logo
STMicroelectronics
T1650-600G-TR STMICROELECTRONICS-T1650-600G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
MORNSUN Science& Techno...
T1650B MORNSUN-T1650B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
More results

Similar Description - T1650

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
Kersemi Electronic Co.,...
BTB16-800B KERSEMI-BTB16-800B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com