Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1610T-8G Datasheet(PDF) 2 Page - STMicroelectronics

Part # T1610T-8G
Description  16 A - 800 V logic level T-series Triac in D²PAK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610T-8G Datasheet(HTML) 2 Page - STMicroelectronics

  T1610T-8G Datasheet HTML 1Page - STMicroelectronics T1610T-8G Datasheet HTML 2Page - STMicroelectronics T1610T-8G Datasheet HTML 3Page - STMicroelectronics T1610T-8G Datasheet HTML 4Page - STMicroelectronics T1610T-8G Datasheet HTML 5Page - STMicroelectronics T1610T-8G Datasheet HTML 6Page - STMicroelectronics T1610T-8G Datasheet HTML 7Page - STMicroelectronics T1610T-8G Datasheet HTML 8Page - STMicroelectronics T1610T-8G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (limiting values), Tj = 25 °C unless otherwise specified
Symbol
Parameter
Value
Unit
VDRM/VRRM Repetitive peak off-state voltage (50-60 Hz)
Tj = 125 °C
800
V
Tj = 150 °C
600
V
VDSM/VRSM Non Repetitive peak off-state voltage
tp = 10 ms, Tj = 25 °C
900
V
IT(RMS)
RMS on-state current (full sine wave)
Tc = 126 °C
16
A
ITSM
Non repetitive surge peak on-state current (full cycle, Tj initial = 25
°C
t = 16.7 ms
126
A
t = 20 ms
120
I2t
I2t value for fusing
tp = 10 ms
95
A2s
dl/dt
Critical rate of rise of on-state current, IG = 2 x IGT, tr ≤ 100 ns
f = 100 Hz
100
A/µs
IGM
Peak gate current
tp = 20 µs, Tj = 150 °C
4
A
VGM
Peak Gate Voltage
5
V
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +150
°C
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrants; Tj
Value
Unit
IGT(1)
VD = 12 V, RL = 30 Ω
I - II - III
Max.
10
mA
VGT
VD = 12 V, RL = 30 Ω
I - II - III
Max.
1.3
V
VGD
VD = 800 V, RL = 3.3 kΩ
Tj = 125 °C
I - II - III
Min.
0.2
V
IL
IG = 1.2 x IGT
I - III
Max.
20
mA
IG = 1.2 x IGT
II
Max.
30
mA
IH (2)
IT = 500 mA, gate open
Max.
25
mA
dV/dt (2)
VD = 536 V, gate open
Tj = 125 °C
Min.
100
V/µs
VD = 402 V, gate open
Tj = 150 °C
Min.
50
V/µs
(dl/dt)c (2)
(dV/dt)c = 0.1 V/μs
Tj = 125 °C
Min.
9
A/ms
Tj = 150 °C
5.4
(dV/dt)c = 10 V/μs
Tj = 125 °C
Min.
3
A/ms
Tj = 150 °C
1.8
1. Minimum IGT is guaranteed at 5% of IGT max
2. For both polarities of A2 referenced to A1.
T1610T-8G
Characteristics
DS12532 - Rev 3
page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com