Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4050-6PF Datasheet(PDF) 2 Page - STMicroelectronics

Part # T4050-6PF
Description  40 A Snubberless™ Triac
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T4050-6PF Datasheet(HTML) 2 Page - STMicroelectronics

  T4050-6PF Datasheet HTML 1Page - STMicroelectronics T4050-6PF Datasheet HTML 2Page - STMicroelectronics T4050-6PF Datasheet HTML 3Page - STMicroelectronics T4050-6PF Datasheet HTML 4Page - STMicroelectronics T4050-6PF Datasheet HTML 5Page - STMicroelectronics T4050-6PF Datasheet HTML 6Page - STMicroelectronics T4050-6PF Datasheet HTML 7Page - STMicroelectronics T4050-6PF Datasheet HTML 8Page - STMicroelectronics T4050-6PF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 76 °C
40
A
ITSM
Non repetitive surge peak on-state current
(full cycle,Tj initial = 25 °C)
t = 16.7 ms
420
A
t = 20 ms
400
I2t
I2t value for fusing
tp = 10 ms
1000
A2s
dl/dt
Critical rate of rise of on-state current,
IG = 2 x IGT, tr ≤ 100 ns
F = 120 Hz, Tj = 25 °C
50
A/µs
VDRM/VRRM
Repetitive peak off-state voltage (50-60 Hz)
600
V
VDSM/VRSM
Non repetitive peak off-state voltage
tp = 10 ms, Tj = 25 °C
700
V
IGM
Peak gate current
tp = 20 µs, Tj = 125 °C
8
A
VGM
Peak gate voltage
8
V
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Vins.
Insulation RMS voltage, 1 minute (UL1557 file E81734)
2.5
kV
Tstg
Storage temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrants; Tj
Value
Unit
IGT(1)
VD = 12 V, RL = 33 Ω
I - II - III
Max.
50
mA
VGT
Max.
1.3
V
VGD
VD = 600 V, RL = 3.3 kΩ
I - II - III
Tj = 125 °C
Min.
0.2
V
IL
IG = 1.2 x IGT
I - III
Max.
70
mA
II
Max.
160
mA
IH (2)
IT = 500 mA, gate open
Max.
85
mA
dV/dt (2)
VD = 402 V, gate open
Tj = 125 °C
Min.
1000
V/µs
(dl/dt)c (2)
Snubberless™ (dV/dt)c > 20 V/μs
Tj = 125 °C
Min.
25.1
A/ms
1. Minimum IGT is guaranteed at 5% of IGT max
2. For both polarities of A2 referenced to A1.
T4050-6PF
Characteristics
DS12857 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com