Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7703R Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7703R Datasheet HTML 10Page - STMicroelectronics TDA7703R Datasheet HTML 11Page - STMicroelectronics TDA7703R Datasheet HTML 12Page - STMicroelectronics TDA7703R Datasheet HTML 13Page - STMicroelectronics TDA7703R Datasheet HTML 14Page - STMicroelectronics TDA7703R Datasheet HTML 15Page - STMicroelectronics TDA7703R Datasheet HTML 16Page - STMicroelectronics TDA7703R Datasheet HTML 17Page - STMicroelectronics TDA7703R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical specifications
TDA7703R
14/32
Rev 1.2
3.4
Electrical characteristics
VCC = 5 V; Tamb = 27 °C; unless otherwise specified.
3.4.1
FM - section
Table 6.
FM - section
Symbol
Parameter
Test condition
Min
Typ
Max
Units
FM IMR mixer
Rin
Input resistance
90
130
170
k
Ω
IIP3
3rd order intercept point
up to Vin/tone = 85 dBµV
121
dBµV
FM AGC
RFAGC-Thr
RFAGC threshold, referred to
mixer input;
RF level
min setting
85
dBµV
max setting
91
Threshold steps
2
dB
Threshold error
-1.5
1.5
dB
Threshold temperature drift
0.016
dB/K
IFAGC-Thr
IFAGC threshold, referred to
mixer input; at tuned
frequency
RF level
min setting
77
dBµV
max setting
81
Threshold steps
2
dB
Threshold error
-1.5
1.5
dB
Threshold temperature drift
0.016
dB/K
Pin diode source current
see note(1)
12
mA
Pin diode sink current
3
20
µA
Pin diode source current in
constant current mode
see note(1)
0.4
mA
1.
The current is generated by a PTAT (Proportional To Absolute Temperature) source, and has therefore a temperature
dependency described by:
ΔI/Io = ΔT/To, with Io being the current at ambient temperature (25 °C) and To the ambient
temperature (25°C) expressed in Kelvin, that is 298 K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com