Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7703RTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7703RTR
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703RTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7703RTR Datasheet HTML 14Page - STMicroelectronics TDA7703RTR Datasheet HTML 15Page - STMicroelectronics TDA7703RTR Datasheet HTML 16Page - STMicroelectronics TDA7703RTR Datasheet HTML 17Page - STMicroelectronics TDA7703RTR Datasheet HTML 18Page - STMicroelectronics TDA7703RTR Datasheet HTML 19Page - STMicroelectronics TDA7703RTR Datasheet HTML 20Page - STMicroelectronics TDA7703RTR Datasheet HTML 21Page - STMicroelectronics TDA7703RTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Electrical specifications
TDA7703R
18/32
Rev 1.2
3.5
Overall system performance
All measurements obtained with application of Figure 9 unless otherwise specified.
3.5.1
FM overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms (Antenna terminal voltage with 50 Ω source).
Figure 6.
FM input set-up
Input level referred to signal generator loaded with 50
Ω (V
rf, node 'A'); no antenna dummy;
AM input not connected. Frf = 98.1 MHz, Vrf = 60 dBµV, mono modulation, fdev = 40 kHz,
faudio = 1 kHz. De-emphasis = 50 µs. Unless otherwise specified
Table 13.
FM overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range FM Eu
(can be modified by the user)
87.5
108
MHz
Tuning step FM Eu
100
kHz
Tuning range FM US
87.5
107.9
MHz
Tuning step FM US
200
kHz
Tuning range FM Jp
76
90
MHz
Tuning step FM Jp
100
kHz
Tuning range FM EEu
65
74
MHz
Tuning step FM EEu
100
kHz
Sensitivity
S/N =26dB
-3
0
dBµV
Ultimate S/N
@ 60 dBµV, mono
72
75
dB
@ 60 dBµV,
Deviation = 75 kHz, mono
77
80
dB
@ 60 dBµV, stereo
70
73
dB
Distortion
Deviation= 75 kHz
0.15
%
Max deviation
THD=3%
120
kHz
Adjacent channel selectivity
(Vu/Vd)
ΔF=100 kHz, SINAD=30 dB
desired 40 dBµV, dev=40kHz,
400Hz
undesired. dev=40kHz, 1KHz
13
dB
Alternate channel selectivity
(Vu/Vd)
ΔF=200 kHz, SINAD=30 dB
desired 40 dBµV,
dev=40 kHz, 400 Hz
undesired. dev=40kHz, 1kHz
62
dB
Vrf + 6dB
PCB
UNDER
TEST
50
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com