Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7720BTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7720BTR
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720BTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7720BTR Datasheet HTML 10Page - STMicroelectronics TDA7720BTR Datasheet HTML 11Page - STMicroelectronics TDA7720BTR Datasheet HTML 12Page - STMicroelectronics TDA7720BTR Datasheet HTML 13Page - STMicroelectronics TDA7720BTR Datasheet HTML 14Page - STMicroelectronics TDA7720BTR Datasheet HTML 15Page - STMicroelectronics TDA7720BTR Datasheet HTML 16Page - STMicroelectronics TDA7720BTR Datasheet HTML 17Page - STMicroelectronics TDA7720BTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Description of audioprocessor
TDA7720B
14/42
DocID024331 Rev 2
4
Description of audioprocessor
4.1
Input stage
Two quasi-differential stereo input and three single-ended inputs are available.
4.1.1
Single-ended stereo input (SE1, SE2, SE3)
The input-impedance at each input is 100 k
 and the attenuation is fixed to -3 dB for
incoming signals.
4.1.2
Quasi-differential stereo Input (QD1,QD2)
The QD input is implemented as a buffered quasi-differential stereo stage with 100 k
 input-
impedance at each input. There is -3 dB attenuation at QD input stage.
4.1.3
Fast charge
Each differential input pin features a "fast-charge" switch allowing to quickly charge any
external large coupling capacitors upon power-on of the device. When the device is power-
on, the “fast-charge” switches are automatically turn on, for normal operation these switches
need to be released by any programming of byte_0. After that, the “fast-charge” switches
can be turned on/off by setting “fast charge = on/off”.
4.2
Input gain
A 0/3 dB input gain is selectable to compensate the attenuation of input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com