Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8139 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8139
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8139_V01 Datasheet HTML 1Page - STMicroelectronics TDA8139_V01 Datasheet HTML 2Page - STMicroelectronics TDA8139_V01 Datasheet HTML 3Page - STMicroelectronics TDA8139_V01 Datasheet HTML 4Page - STMicroelectronics TDA8139_V01 Datasheet HTML 5Page - STMicroelectronics TDA8139_V01 Datasheet HTML 6Page - STMicroelectronics TDA8139_V01 Datasheet HTML 7Page - STMicroelectronics TDA8139_V01 Datasheet HTML 8Page - STMicroelectronics TDA8139_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
TDA8139, TDA8139/D
4/14
2
Electrical characteristics
2.1
Electrical characteristics
TAMB =25° C, VIN1 = 7 V, VIN2 = 10 V, unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
C input voltage on pins INPUT1 and INPUT2
20
V
VDIS
Disable input voltage
20
V
VRST
Output voltage on pin RESET
20
V
IO1,2
Output currents
Internally limited
Pt
Power dissipation
Internally limited
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
0 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance (junction-to-case)
TDA8139
TDA8139/D
9
15
°C/W
RthJA
Thermal resistance(1) (junction-to-
ambient)
1.
Mounted on board, refer to Section 5.
TDA8139
TDA8139/D
50
56
°C/W
TJ
Maximum recommended junction temperature
140
°C
TOPER
Operating free air temperature range
0 to +70
°C
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Minimum
Typical
Maximum
Unit
VO1
Output voltage
IO1 = 10 mA
5
5.1
5.2
V
VO2
Output voltage
IO2 = 10 mA
2.8
16.0
V
VIO1,2
Dropout voltage
IO1,2 = 750 mA
1.4
V
VO1,2LI
Line regulation
7V < VIN1 < 14 V
12 V < VIN2 < 18 V
IO1,2 = 200 mA, VO2 = 10 V
50
100
mV
VO1,2LO Load regulation
5mA < IO1 < 600 mA
5mA < IO2 < 600 mA
VO2 = 10 V
100
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com