Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGR Datasheet(PDF) 2 Page - Littelfuse

Part # NGR
Description  NGR SERIES – CANADA , Neutral Grounding Resistor System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGR Datasheet(HTML) 2 Page - Littelfuse

  NGR Datasheet HTML 1Page - Littelfuse NGR Datasheet HTML 2Page - Littelfuse NGR Datasheet HTML 3Page - Littelfuse NGR Datasheet HTML 4Page - Littelfuse NGR Datasheet HTML 5Page - Littelfuse NGR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Littelfuse.com
© 2019 Littelfuse, Inc.
Rev: 1-B-050420
2 of 6
Protection Relays & Controls
NGR SERIES – CANADA
Simplified Circuit Diagram with Littelfuse Neutral-Grounding-Resistor Monitor
NGR
L2
CT
L1
ER Series
Sensing Resistor
NGR Monitor
Note 2
Note 1
Transformer or
Generator Neutral (XO)
Note 4
Note 5
Note 3
Note 6
NGR SYSTEM
Note 1: Use minimum #8 AWG white or grey conductor insulated to system voltage to connect NGR to neutral.
Note 2: Use conductor insulated to system voltage (#14 AWG is typically used) and a separate lug at the X0 point
to connect ER Series Sensing Resistor to neutral.
Note 3: Locate NGR system near transformer or generator.
Note 4: Two-conductor twisted cable required, shielded recommended.
Note 5: Voltage between ER Series Sensing Resistor terminals R and G is limited to 100 V by internal clamp.
Note 6: Use minimum #8 AWG green or bare conductor to connect NGR to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com