Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP910A Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP910A
Description  GP Super Alkaline Battery N Size 6 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP910A Datasheet(HTML) 1 Page - GPB International Limited.

  GP910A Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP910A
BENEFITS:
- Lasts longer in everyday devices
- Dependable performance
APPLICATIONS BEST FOR:
• GP Super Alkaline Battery
• N Size
• 6 Volts
20 Ohms, 24 Hours/Day
Hours
0
5
10
15
20
0.8
1.0
1.2
1.4
1.6
end point 0.9V
( + )
( - )
5.0 MIN.
OTHER DETAILS:
- Mercury Free Alkaline Manganese chemistry
- Cylindrical cell type
- Average weight: 9g
TYPICAL SERVICE LIFE:
Discharge
Discharge
End Point
Service
Resistance
Condition
Voltage
Life
20 Ohms
24 Hrs/Day
0.9V
12 Hrs
At 20±2°C within 30 days of manufacture


Similar Part No. - GP910A

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP908A GP-GP908A Datasheet
3Mb / 1P
GP Super Alkaline Battery 6 Volts
GP908G GP-GP908G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 6.0 Volts
logo
GTM CORPORATION
GP9960 GTM-GP9960 Datasheet
333Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP9962 GTM-GP9962 Datasheet
331Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GP910A

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP13A GP-GP13A Datasheet
1Mb / 1P
GP Super Alkaline Battery D size 1.5 Volts
GP13AU GP-GP13AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery D size 1.5 Volts
GP14A GP-GP14A Datasheet
2Mb / 1P
GP Super Alkaline Battery • C size • 1.5 Volts
GP15A GP-GP15A Datasheet
2Mb / 1P
GP Super Alkaline Battery AA size 1.5 Volts
GP15AU GP-GP15AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery AA size 1.5 Volts
GP1604A GP-GP1604A Datasheet
2Mb / 1P
GP Super Alkaline Battery 9 Volts
GP24A GP-GP24A Datasheet
1Mb / 1P
GP Super Alkaline Battery AAA size 1.5 Volts
GP25A GP-GP25A Datasheet
1Mb / 1P
GP Super Alkaline Battery AAAA size 1.5 Volts
GP312A GP-GP312A Datasheet
1Mb / 1P
GP Super Alkaline Battery 4.5 Volts
GP908A GP-GP908A Datasheet
3Mb / 1P
GP Super Alkaline Battery 6 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com