Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMF24 Datasheet(PDF) 1 Page - XP Power Limited

Part # AMF24
Description  AC-DC PO WER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMF24 Datasheet(HTML) 1 Page - XP Power Limited

  AMF24 Datasheet HTML 1Page - XP Power Limited AMF24 Datasheet HTML 2Page - XP Power Limited AMF24 Datasheet HTML 3Page - XP Power Limited AMF24 Datasheet HTML 4Page - XP Power Limited AMF24 Datasheet HTML 5Page - XP Power Limited AMF24 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
Dimensions
AC-DC POWER SUPPLIES
24W
Models & Ratings
AMF24 Series
1. Model number is for body only. AC input plugs must be ordered separately, see AC input plug section.
2. Other output voltages available, contact sales for details.
3. Total regulation includes initial set accuracy, line and load regulation.
4. Typical average value measured at 25%, 50%, 75% and 100% at 230VAC.
5. For white case version add suffix ‘-W’ e.g. AMF24US12-W. MOQ applies, contact sales for details.
Notes:
3.56” x 1.32” x 2.3” (90.5 x 33.5 x 58.5mm)
The AMF24 series of wall plug adaptors comply with medical and home-healthcare
approvals along with the latest energy efficiency level VI standards with high active mode
efficiency and extremely low no load power consumption.
Available with a range of interchangeable AC connectors these adaptors suit a wide variety
of cost sensitive industrial and medical applications while maintaining industry leading
performance.
• IP22 ingress protection
• IEC/EN60601-1-11 for home healthcare applications
• Energy efficiency level VI & EU2019/1782
• Medical and home healthcare approvals
• Interchangeable mains connectors
• Input voltage range 80 to 264VAC
• Output voltages from 9V to 48VDC
• Optional white versions
• Class II construction
• 3 Years warranty
Features
Model Number(1,2,5)
Output Power
Output Voltage
Output Current
Total Regulation(3)
Efficiency(4)
AMF24US09
24W
9.0V
2330mA
5%
86.4%
AMF24US12
12.0V
2000mA
87.9%
AMF24US15
15.0V
1600mA
87.3%
AMF24US18
18.0V
1330mA
88.6%
AMF24US24
24.0V
1000mA
88.8%
AMF24US48
48.0V
500mA
88.3%
Healthcare
Home
Healthcare
Medical
Diagnostic
EXTERNAL
WALL PLUG


Similar Part No. - AMF24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF2800D IRF-AMF2800D Datasheet
136Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800D IRF-AMF2800D_15 Datasheet
136Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2803R3D IRF-AMF2803R3D Datasheet
79Kb / 7P
ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
More results

Similar Description - AMF24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB75 XPPOWER-ASB75 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com