Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3030NLS Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STD3030NLS
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD3030NLS Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STD3030NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STD3030NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
S TU/D3030NLS
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
6
20.0
10.0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-50 -25
0
25
50
75 100 125 150
V DS =V GS
ID=250uA
-50 -25
0
25 50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
V GS , G ate-S ource Voltage (V )
42
35
28
21
14
7
0
F igure 7. On-R esistance vs.
G ate-S ource V oltage
2
4
6
8
10
0
F igure 5. G ate T hres hold V ariation
with T emperature
25 C
125 C
70 C
25 C
70 C
125 C
ID=20A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com