Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP189F Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP189F
Description  GP Alkaline Cell Battery 1.5 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP189F Datasheet(HTML) 1 Page - GPB International Limited.

  GP189F Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BENEFITS:
- Lasts longer in various kinds of
small portable electronic devices
• GP Alkaline Cell
Battery
• 1.5 Volts
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP189F
APPLICATIONS BEST FOR:
Other Details:
- Mercury Free Zinc /
Manganese Dioxide chemistry
- Button cell type
- Average weight: 1.0g
CROSS REFERENCES:
GP
IEC/Duracell
Sony
189F
LR54
LR1130


Similar Part No. - GP189F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP189 ETC1-GP189 Datasheet
146Kb / 1P
Alkaline Low Drain Button Cell
More results

Similar Description - GP189F

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP13A GP-GP13A Datasheet
1Mb / 1P
GP Super Alkaline Battery D size 1.5 Volts
GP13AU GP-GP13AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery D size 1.5 Volts
GP14A GP-GP14A Datasheet
2Mb / 1P
GP Super Alkaline Battery • C size • 1.5 Volts
GP15AU GP-GP15AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery AA size 1.5 Volts
GP164 GP-GP164 Datasheet
1Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP177 GP-GP177 Datasheet
1Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP186F GP-GP186F Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP191 GP-GP191 Datasheet
1Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GPA76F GP-GPA76F Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GPPX625AF GP-GPPX625AF Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com