Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

562X Datasheet(PDF) 1 Page - 3M Electronics

Part # 562X
Description  3M™ Lapping Films 562X and 566X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

562X Datasheet(HTML) 1 Page - 3M Electronics

  562X Datasheet HTML 1Page - 3M Electronics 562X Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™ Lapping Films 562X and 566X
Product Description
3M™ Lapping Films 562X and 566X are 0.5 micron
Cerium Oxide mineral coated on 3.0 mil polyester film
backing. They are used in lapping or polishing of
various substrates.
Key Features
• Produces excellent surface finish
• Reduces overall process time
• Helps produce high yields
• Non-slurry processing
Technical Data
July 2014
Converted Forms
Sheets, discs and rolls.
Maximum width: 26 inches
Backing
Polyester film
Nominal thickness: 3.0 mil
Storage and Shelf Life
The recommended product shelf life is 24 months from
date of shipment from the manufacturing location when
stored in the original product container and packaging
materials and at 10-32°C (20-90°F) and 30-70% RH.
When stored in conditions as described above, the
abrasive has not been shown to degrade with time.
Mineral Size Grading Chart
Product ID
Mineral Size
Backing
Color
(nominal)
562X
0.5 micron
3.0 mil polyester
White
(plain back)
566X
0.5 micron
3.0 mil polyester
White
(PSA)


Similar Part No. - 562X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
67Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
562 MALLORY-562 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Oscilent Corporation
562 OSCILENT-562 Datasheet
134Kb / 2P
PECL Output
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
562 ADAFRUIT-562 Datasheet
137Kb / 2P
Panel Mount 10K potentiometer (Breadboard Friendly) 10K Linear
2-6-24
More results

Similar Description - 562X

ManufacturerPart #DatasheetDescription
logo
3M Electronics
S150 3M-S150 Datasheet
2Mb / 2P
Safety & Security Window Films
for
AF6 3M-AF6 Datasheet
31Kb / 8P
3M Scotch-WeldTM Structural Adhesive Films
Jul-2001
600X 3M-600X Datasheet
67Kb / 2P
3M??Diamond Lapping Film 600X Series
254X 3M-254X Datasheet
68Kb / 2P
3M??Lapping Film Aluminum Oxide 254X
logo
Schneider Electric
VRKP4YYYYY00012 SCHNEIDER-VRKP4YYYYY00012 Datasheet
115Kb / 1P
sets of sliding films
Apr 20, 2022
VRKP4YYYYY00013 SCHNEIDER-VRKP4YYYYY00013 Datasheet
129Kb / 1P
sliding films FDA
Apr 20, 2022
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com