Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72002NH.02305 Datasheet(PDF) 2 Page - Belden Inc.

Part # 72002NH.02305
Description  DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

72002NH.02305 Datasheet(HTML) 2 Page - Belden Inc.

  72002NH.02305 Datasheet HTML 1Page - Belden Inc. 72002NH.02305 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
3.2 dB/100m
65.3
63.8
20
4
6 dB/100m
56.3
51.8
23
10
9.5 dB/100m
50.3
43.8
25
16
12.1 dB/100m
47.2
39.7
25
20
13.6 dB/100m
45.8
37.8
25
25
15.3 dB/100m
44.3
35.8
24.3
31.25
17.1 dB/100m
42.9
33.9
23.6
62.5
24.8 dB/100m
38.3
27.9
21.5
100
32 dB/100m
35.3
23.8
20.1
Voltage
Voltage Rating
450 V DC and 300 V AC
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C to +80°C -5°C To +50°C -40°C To +80°C
Bend Radius
Stationary Min. Installation Min.
30 mm (1.2 in)
60 mm
Max. Pull Tension:
40 N (9.0 lbf)
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca, Sunlight Resistance, Oil Resistance
Flammability / Reaction to Fire: IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca; CPR UKCA Class: Eca
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA 568.2-D
ISO/IEC Compliance:
ISO/IEC 11801-1
CENELEC Compliance:
EN 50173-1
European Halogen Free
Standards:
IEC 62821-1 Halogen Free Compliance = Yes, IEC 60754-1 - Halogen Amount = Zero, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 2.5 µS/mm, IEC 60754-2
- Halogen Acid Gas Amount - Min. pH = 4.3
European Directive
Compliance:
EU CE Mark
UK Regulation Compliance:
UKCA Mark
History
Update and Revision:
Revision Number: 0.259 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color Putup Type Length
EAN
72002NH.02B100 Black
Flat Box
100 m
8719605012845
72002NH.02305
Black
Reel
305 m
8719605012821
72002NH.02500
Black
Reel
500 m
8719605012838
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com