Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMM25 Datasheet(PDF) 3 Page - Belden Inc.

Part # ATMM25
Description  CAT3 Backbone, 25pr, Armor Shield, PVC Jkt, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ATMM25 Datasheet(HTML) 3 Page - Belden Inc.

  ATMM25 Datasheet HTML 1Page - Belden Inc. ATMM25 Datasheet HTML 2Page - Belden Inc. ATMM25 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CEC/C(UL) Compliance:
CMR
Data Category:
Category 3
ANSI Compliance:
S-90-661-2012 Category 3, ANSI/NEMA WC-63.1 Category 3
TIA/EIA Compliance:
ANSI/TIA-568-C.2 Category 3
Applicable Environmental and Other Programs
Environmental Space:
Riser
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2
amendment):
Yes
EU Directive Compliance:
Yes
EU CE Mark:
Yes
EU REACH SVHC Compliance
(yyyy-mm-dd):
2017-07-10
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Aerial:
No
Suitability - Burial:
No
Suitability - Hazardous Locations:
No
Suitability - Indoor:
Yes
Suitability - Non-Halogenated:
No
Suitability - Oil Resistance:
No
Suitability - Outdoor:
No
Suitability - Sunlight Resistance:
No
Flammability, LS0H, Toxicity Testing
C(UL) Flammability:
FT4
UL Flammability:
UL 1666 Riser
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color Put-Up Type
Length
UPC
ATMM25 008CUT Gray
Cut to Length
612825061984
ATMM25 008CUT Gray
Cut to Length 1 ft
612825061984
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending
Footage/Meter Markings. Corrugated Aluminum Armor Bonded to the Jacket.
History
Update and Revision:
Revision Number: 0.387 Revision Date: 11-09-2022
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com