Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMM50 Datasheet(PDF) 2 Page - Belden Inc.

Part # ATMM50
Description  CAT3 Backbone, 50pr, Armor Shield, PVC Jkt, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ATMM50 Datasheet(HTML) 2 Page - Belden Inc.

  ATMM50 Datasheet HTML 1Page - Belden Inc. ATMM50 Datasheet HTML 2Page - Belden Inc. ATMM50 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
White/Orange (12)
4
White/Orange (13)
Outer Shield
Material
Aluminum
Outer Jacket
Material
Nominal Diameter Ripcord
PVC - Polyvinyl Chloride 0.660 in
Yes
Construction and Dimensions
Armor
Type of Armor
Material
Thickness of Armoring Tape
Corrugated
Aluminum .008 in
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance
93.8 Ohm/km
5 %
Capacitance
Max. Capacitance Unbalance Nom.Mutual Capacitance
330 pF/100m
17 pF/ft
Delay
Frequency [MHz]
Max. Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
16 MHz
543 ns/100m 45 ns/100m
68%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. PSNEXT [dB] Min. ACR [dB] Min. PSACR [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance
0.772 MHz
2.2 dB/100m
47.0 dB
43.0 dB
50.1 dB
46.1 dB
100 +/- 15
1.0 MHz
2.6 dB/100m
45.0 dB
41.0 dB
47.8 dB
43.8 dB
12.0 dB
100 +/- 15
4.0 MHz
5.6 dB/100m
36.0 dB
32.0 dB
36.0 dB
32.0 dB
12.0 dB
100 +/- 15
8.0 MHz
8.5 dB/100m
31.0 dB
27.0 dB
28.3 dB
24.3 dB
12.0 dB
100 +/- 15
10.0 MHz
9.7 dB/100m
30.0 dB
26.0 dB
26.2 dB
22.2 dB
12.0 dB
100 +/- 15
16.0 MHz
13.1 dB/100m
27.0 dB
23.0 dB
20.1 dB
16.1 dB
10.0 dB
100 +/- 15
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Installation Temperature Range:
-20°C To +60°C
UL Temp Rating:
60°C
Storage Temperature Range:
-30°C To +60°C
Operating Temperature Range:
-30°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
234 lbs/1000ft
Max. Pull Tension:
300 lbs
Min. Bend Radius During Installation:
13.25 in
Min. Bend Radius/Minor Axis:
6.75 in
Standards
NEC/(UL) Compliance:
CMR
CEC/C(UL) Compliance:
CMR
Data Category:
Category 3
ANSI Compliance:
S-90-661-2012 Category 3, ANSI/NEMA WC-63.1 Category 3
TIA/EIA Compliance:
ANSI/TIA-568-C.2 Category 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com