Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIW6 Datasheet(PDF) 2 Page - Belden Inc.

Part # DIW6
Description  CAT3 Backbone, 6pr, UTP, PVC Jkt, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DIW6 Datasheet(HTML) 2 Page - Belden Inc.

  DIW6 Datasheet HTML 1Page - Belden Inc. DIW6 Datasheet HTML 2Page - Belden Inc. DIW6 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
16 MHz
543 ns/100m 45 ns/100m
68%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. PSNEXT [dB] Min. ACR [dB] Min. PSACR [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance
0.772 MHz
2.2 dB/100m
47.0 dB
43.0 dB
50.1 dB
46.1 dB
1 MHz
2.6 dB/100m
45.0 dB
41.0 dB
47.8 dB
43.8 dB
12.0 dB
100 ± 15 Ohm
4 MHz
5.6 dB/100m
36.0 dB
32.0 dB
36.0 dB
32.0 dB
12.0 dB
100 ± 15 Ohm
8 MHz
8.5 dB/100m
31.0 dB
28.0 dB
28.3 dB
24.3 dB
12.0 dB
100 ± 15 Ohm
10 MHz
9.7 dB/100m
30.0 dB
26.0 dB
26.2 dB
22.3 dB
12.0 dB
100 ± 15 Ohm
16 MHz
13.1 dB/100m
27.0 dB
23.0 dB
20.1 dB
16.1 dB
10.0 dB
100 ± 15 Ohm
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Installation Temperature Range:
-30°C To +60°C
UL Temp Rating:
60°C
Storage Temperature Range:
-30°C To +60°C
Operating Temperature Range:
-30°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
23 lbs/1000ft
Max. Pull Tension:
55 lbs
Min. Bend Radius During Installation:
2.0 in
Min. Bend Radius/Minor Axis:
1.0 in
Standards
NEC/(UL) Compliance:
CMR
CEC/C(UL) Compliance:
CMR
Data Category:
Category 3
ANSI Compliance:
S-90-661-2012 Category 3, ANSI/NEMA WC-63.1 Category 3
TIA/EIA Compliance:
ANSI/TIA-568-C.2 Category 3
Third Party Performance Verification:
Category 3
Applicable Environmental and Other Programs
Environmental Space:
Riser
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2
amendment):
Yes
EU Directive Compliance:
Yes
EU CE Mark:
Yes
EU REACH SVHC Compliance
(yyyy-mm-dd):
2017-07-10
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Aerial:
No
Suitability - Burial:
No
Suitability - Hazardous Locations:
No
Suitability - Indoor:
Yes
Suitability - Non-Halogenated:
No
Suitability - Oil Resistance:
No
Suitability - Outdoor:
No
Suitability - Sunlight Resistance:
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com