Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIW67321000 Datasheet(PDF) 1 Page - Belden Inc.

Part # DIW67321000
Description  CAT3 Backbone, 6pr, UTP, PVC Jkt, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DIW67321000 Datasheet(HTML) 1 Page - Belden Inc.

  DIW67321000 Datasheet HTML 1Page - Belden Inc. DIW67321000 Datasheet HTML 2Page - Belden Inc. DIW67321000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: DIW6
CAT3 Backbone, 6pr, UTP, PVC Jkt, CMR
Product Description
CAT3, DIW 6-Pair, U/UTP-unshielded, Riser-CMR, Premise Horizontal cable, 24 AWG solid bare copper conductors, PVC insulation, ripcord, PVC jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Backbone Cable
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
Solid
BC - Bare Copper 6
Conductor Count:
12
Total Number of Pairs:
6
Insulation
Material
PVC - Polyvinyl Chloride
Bonded-Pair:
N/A
Color Chart
Number
Color
1
White/Blue & Blue
2
White/Orange & Orange
3
White/Green & Green
4
White/Brown & Brown
5
White/Slate & Slate
6
Red/Blue & Blue
Outer Jacket
Material
Nominal Diameter Ripcord
PVC - Polyvinyl Chloride 0.203 in
Yes
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance
93.8 Ohm/km
5 %
Capacitance
Max. Capacitance Unbalance Nom.Mutual Capacitance
330 pF/100m
17 pF/ft
Delay
Frequency [MHz]
Max. Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]


Similar Part No. - DIW67321000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DIW030F135 DIOTEC-DIW030F135 Datasheet
864Kb / 4P
Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
2024-04-04
DIW030M060 DIOTEC-DIW030M060 Datasheet
865Kb / 4P
Medium Fast Switching IGBT with Reverse Diode Mittelschnell schaltender IGBT mit Rückwärtsdiode
2024-04-05
DIW040F135 DIOTEC-DIW040F135 Datasheet
861Kb / 4P
Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
2024-05-27
DIW040M120 DIOTEC-DIW040M120 Datasheet
864Kb / 4P
Medium Fast Switching IGBT with Reverse Diode Mittelschnell schaltender IGBT mit Rückwärtsdiode
2024-04-05
DIW050F065 DIOTEC-DIW050F065 Datasheet
864Kb / 4P
Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
2024-04-04
More results

Similar Description - DIW67321000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GXS12 BELDEN-10GXS12 Datasheet
261Kb / 4P
CAT6A 10GX Small Diameter, 4pr, UTP, PVC Jkt, CMR
1232A1 BELDEN-1232A1 Datasheet
177Kb / 3P
CAT3 Horizontal, 25pr, UTP, PVC Jkt, CMR
2022 Belden, Inc
1245A2 BELDEN-1245A2 Datasheet
166Kb / 3P
CAT3 Horizontal, 4pr, UTP, LS-PVC Jkt, CMP
2022 Belden, Inc
ATMM100 BELDEN-ATMM100 Datasheet
187Kb / 4P
CAT3 Backbone, 100pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM25 BELDEN-ATMM25 Datasheet
176Kb / 3P
CAT3 Backbone, 25pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM300 BELDEN-ATMM300 Datasheet
188Kb / 4P
CAT3 Backbone, 300pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM50 BELDEN-ATMM50 Datasheet
176Kb / 3P
CAT3 Backbone, 50pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
121702A BELDEN-121702A Datasheet
200Kb / 2P
CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
2022 Belden, Inc
DIW12 BELDEN-DIW12 Datasheet
164Kb / 2P
Category 3 Backbone Cable, 12 Pair, U/UTP, CMR
2022 Belden, Inc
DPLN300 BELDEN-DPLN300 Datasheet
185Kb / 4P
CAT3 Backbone, 300pr, UTP, LS-PVC Jkt, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com