Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14155
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC14155 Datasheet HTML 1Page - National Semiconductor (TI) ADC14155 Datasheet HTML 2Page - National Semiconductor (TI) ADC14155 Datasheet HTML 3Page - National Semiconductor (TI) ADC14155 Datasheet HTML 4Page - National Semiconductor (TI) ADC14155 Datasheet HTML 5Page - National Semiconductor (TI) ADC14155 Datasheet HTML 6Page - National Semiconductor (TI) ADC14155 Datasheet HTML 7Page - National Semiconductor (TI) ADC14155 Datasheet HTML 8Page - National Semiconductor (TI) ADC14155 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC14155
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
General Description
The ADC14155 is a high-performance CMOS analog-to-
digital converter capable of converting analog input signals
into 14-bit digital words at rates up to 155 Mega Samples Per
Second (MSPS). This converter uses a differential, pipelined
architecture with digital error correction and an on-chip
sample-and-hold circuit to minimize power consumption and
the external component count, while providing excellent dy-
namic performance. A unique sample-and-hold stage yields
a full-power bandwidth of 1.1 GHz. The ADC14155 operates
from dual +3.3V and +1.8V power supplies and consumes
974 mW of power at 155 MSPS.
The separate +1.8V supply for the digital output interface
allows lower power operation with reduced noise. A power-
down feature reduces the power consumption to 5 mW with
the clock input disabled, while still allowing fast wake-up time
to full operation.
The differential inputs provide a full scale differential input
swing equal to 2 times the reference voltage. A stable 1.0V
internal voltage reference is provided, or the ADC14155 can
be operated with an external reference.
For optimum performance, it is recommended to operate the
ADC14155 with a differential clock input, which doubles the
clock amplitude compared with single-ended clock opera-
tion. Clock mode (differential versus single-ended) and out-
put data format (offset binary versus 2’s complement) are
pin-selectable. A duty cycle stabilizer maintains performance
over a wide range of clock duty cycles.
The ADC14155 is available in a 48-lead LLP package and
operates over the industrial temperature range of −40˚C to
+85˚C.
Features
n
1.1 GHz Full Power Bandwidth
n
Internal sample-and-hold circuit
n
Low power consumption
n
Internal precision 1.0V reference
n
Single-ended or Differential clock modes
n
Data Ready output clock
n
Clock Duty Cycle Stabilizer
n
Dual +3.3V and +1.8V supply operation (+/- 10%)
n
Power-down mode
n
Offset binary or 2’s complement output data format
n
48-pin LLP package, (7x7x0.8mm, 0.5mm pin-pitch)
Key Specifications
n
Resolution
14 Bits
n
Conversion Rate
155 MSPS
n
SNR (f
IN = 70 MHz)
71.4 dBFS (typ)
n
SFDR (f
IN = 70 MHz)
85.3 dBFS (typ)
n
ENOB (f
IN = 70 MHz)
11.5 bits (typ)
n
Full Power Bandwidth
1.1 GHz (typ)
n
Power Consumption
974 mW (typ)
Applications
n
High IF Sampling Receivers
n
Wireless Base Station Receivers
n
Power Amplifier Linearization
n
Multi-carrier, Multi-mode Receivers
n
Test and Measurement Equipment
n
Communications Instrumentation
n
Radar Systems
PRELIMINARY
May 2006
© 2006 National Semiconductor Corporation
DS201790
www.national.com


Similar Part No. - ADC14155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14155 TI1-ADC14155 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155 TI2-ADC14155 Datasheet
819Kb / 30P
ADC14155 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
REVISED APRIL 2013
ADC14155 TI2-ADC14155 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
ADC14155CISQ/NOPB TI1-ADC14155CISQ/NOPB Datasheet
1Mb / 28P
155 MSPS, 1.1 GHz Bandwidth A/D Converter
More results

Similar Description - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
1.1 GHz Bandwidth A/D Converter
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com