Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155EB Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155EB
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155EB Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button ADC14155EB Datasheet HTML 11Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 12Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 13Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 14Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 15Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 16Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 17Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 18Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Applications Information (Continued)
weight will have little effect upon the logic-generated noise.
This is because of the skin effect. Total surface area is more
important than is total ground plane area.
Generally, analog and digital lines should cross each other at
90˚ to avoid crosstalk. To maximize accuracy in high speed,
high resolution systems, however, avoid crossing analog and
digital lines altogether. It is important to keep clock lines as
short as possible and isolated from ALL other lines, including
other digital lines. Even the generally accepted 90˚ crossing
should be avoided with the clock line as even a little coupling
can cause problems at high frequencies. This is because
other lines can introduce jitter into the clock line, which can
lead to degradation of SNR. Also, the high speed clock can
introduce noise into the analog chain.
Best performance at high frequencies and at high resolution
is obtained with a straight signal path. That is, the signal path
through all components should form a straight line wherever
possible.
Be especially careful with the layout of inductors and trans-
formers. Mutual inductance can change the characteristics
of the circuit in which they are used. Inductors and trans-
formers should not be placed side by side, even with just a
small part of their bodies beside each other. For instance,
place transformers for the analog input and the clock input at
90˚ to one another to avoid magnetic coupling.
The analog input should be isolated from noisy signal traces
to avoid coupling of spurious signals into the input. Any
external component (e.g., a filter capacitor) connected be-
tween the converter’s input pins and ground or to the refer-
ence input pin and ground should be connected to a very
clean point in the ground plane.
All analog circuitry (input amplifiers, filters, reference com-
ponents, etc.) should be placed in the analog area of the
board. All digital circuitry and dynamic I/O lines should be
placed in the digital area of the board. The ADC14155
should be between these two areas. Furthermore, all com-
ponents in the reference circuitry and the input signal chain
that are connected to ground should be connected together
with short traces and enter the ground plane at a single,
quiet point. All ground connections should have a low induc-
tance path to ground.
7.0 DYNAMIC PERFORMANCE
To achieve the best dynamic performance, the clock source
driving the CLK input must have a sharp transition region
and be free of jitter. Isolate the ADC clock from any digital
circuitry with buffers, as with the clock tree shown in Figure
5 . The gates used in the clock tree must be capable of
operating at frequencies much higher than those used if
added jitter is to be prevented. Best performance will be
obtained with a differential clock input drive, compared with a
single-ended drive.
As mentioned in Section 6.0, it is good practice to keep the
ADC clock line as short as possible and to keep it well away
from any other signals. Other signals can introduce jitter into
the clock signal, which can lead to reduced SNR perfor-
mance, and the clock can introduce noise into other lines.
Even lines with 90˚ crossings have capacitive coupling, so
try to avoid even these 90˚ crossings of the clock line.
20179017
FIGURE 5. Isolating the ADC Clock from other Circuitry
with a Clock Tree
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com