Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1214-220M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1214-220M
Description  220 Watts - 40 Volts, 150ms, 10% Radar 1200 - 1400 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1214-220M Datasheet(HTML) 2 Page - Advanced Power Technology

  1214-220M Datasheet HTML 1Page - Advanced Power Technology 1214-220M Datasheet HTML 2Page - Advanced Power Technology 1214-220M Datasheet HTML 3Page - Advanced Power Technology 1214-220M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1214-220M, R2
ADVANCED POWER TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE
CURRENT
VERSION PLEASE CHECK OUR WEB SITE AT WWW. ADVANCEDPOWER.COM OR CONTACT OUR FACTORY
DIRECT.
Advanced Power Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 /869-2324
Issue March 2005
Performance Curves
Pin vs. Pout
42
44
46
48
50
52
54
56
38
40
42
44
46
48
50
Pin (dBm)
1.2 GHz
1.3 GHz
1.4 GHz
Pin vs. Gain
0
1
2
3
4
5
6
7
8
9
10
38
40
42
44
46
48
50
Pin (dBm)
1.2 GHz
1.3 GHz
1.4 GHz
Pin vs. Efficiency
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
38
40
42
44
46
48
50
Pin (dBm)
1.2 GHz
1.3 GHz
1.4 GHz
Output
Matching
Circuit
Input
Matching
Circuit
50 Ohms
50 Ohms
ZSource
ZLoad
Impedance Information
Frequencies (MHz)
)
(
Ω
Source
Z
)
(
Ω
Load
Z
1200
3.6 – j0.93
2.96 – j1.86
1300
2.7 – j1.27
2.25 – j2.03
1400
1.86 – j0.83
1.51 – j1.66
1214 – 220M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com