Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL502J Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APL502J
Description  LINEAR MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL502J Datasheet(HTML) 3 Page - Advanced Power Technology

  APL502J Datasheet HTML 1Page - Advanced Power Technology APL502J Datasheet HTML 2Page - Advanced Power Technology APL502J Datasheet HTML 3Page - Advanced Power Technology APL502J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Curves
0
50
100
150
200
250
0
5
10
15
20
25
30
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, HIGH OUTPUT CHARACTERISTICS
FIGURE 3, LOW OUTPUT CHARACTERISTICS
7 V
6 V
6.5 V
VGS=10V, 15 V
5.5 V
7.5 V
8 V
120
100
80
60
40
20
0
120
100
80
60
40
20
0
7 V
6 V
6.5 V
5.5 V
7.5 V
VGS=10, 15V
8 V
APL502J
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D
, DRAIN CURRENT (AMPERES)
FIGURE4,TRANSFERCHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C
, CASE TEMPERATURE (°C)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
0
2
4
6
8
10
0
20406080
100
120
25
50
75
100
125
150
-50
0
50
100
150
1.30
1.20
1.10
1.00
0.90
0.80
0.70
1.15
1.10
1.05
1.00
0.95
0.90
80
60
40
20
0
60
50
40
30
20
10
0
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = +125°C
TJ = +25°C
TJ = -55°C
VGS=10V
VGS=20V
NORMALIZED TO
V
GS
= 10V @ 26A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com