Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCR100 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SCR100
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR100 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SCR100 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR100 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCR100
Nanopositioning Stage
Like its relatives, the SCR100 integrates a slide guide, encoder, and a Linear Shaft Motor. A wide
range of options allows for a better match for stage applications needing sub-nanometer
resolution that is free from motion errors. Like the SCR050 and SCR075, the encoder and
motor cables are built into the stationary base and are designed so there is no need for
them to bend and flex.
Each SCR stage requires a servo driver to operate the stage. Any two SCR stages will
bolt directly together to form a very stiff, compact X-Y assembly, without the need for
adaptor plates. Two SCR stages can be supplied as an X-Y stage to insure true orthogonal
orientation between the two axes.
Specifications1
Units SCR100-050 SCR100-100 SCR100-150 SCR100-200 SCR100-250 SCR100-300
Travel/Stroke
mm
50
100
150
200
250
300
Stage Width (B)
mm
140
190
240
290
340
390
Accuracy
μm
3
5
7
9
11
12
Encoder Resolution
nm
1000, 500, 100, 50, 10
Bi-Directional Repeatability2
±1 count
Maximum Acceleration
m/s2
17
12
10
8
7
6
Maximum Velocity3
m/s
0.9
1
1.2
1.2
1.3
1.3
Load Capacity4
kg
45.5
Moving Mass
kg
0.8
1.1
1.3
1.6
2.0
2.2
Total Mass
kg
1.6
2.1
2.6
3.2
3.9
4.5
Straightness & Flatness
μm
2/25mm
Home Limit Switches
Standard
Home Switch Location
Center
Limit Switch Over Travel
mm
1
Hard Stop Over Travel
mm
2
Bearing
Cross-roller bearing
Linear Shaft Motor
S080Q
Note 1: Standard stage specifications are based on the S080Q Linear Shaft Motor
Note 2: Repeatability +/- 2 counts at sub 0.1μm resolutions
Note 3: For 10nm (0.01μm) resolution, max velocity of encoder is limited to 135mm/sec; for 50nm (0.05μm), the limit is 675mm/sec;
and for 100nm (0.1μm), the limit is 1350mm/sec
Note 4: Please contact our Applications Engineers for loads exceeding 45.5kg
SCR100-100
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
200
400
600
800
1000
1200
Acceleration Q coil
Max Velocity Q coil
SCR100-200
0.10
1.00
10.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
200
400
600
800
1000
1200
1400
Acceleration Q coil
Max Velocity Q coil
SCR100-300
0.10
1.00
10.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
200
400
600
800
1000
1200
1400
Acceleration Q coil
Max Velocity Q coil
SCR100-050
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
100
200
300
400
500
600
700
800
900
1000
Acceleration Q coil
Max Velocity Q coil
(kg)
(kg)
(kg)
(kg)
Acceleration/Velocity Curves
Stage Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin
Signal
Function
2
0V
Ground
4
Z-
Reference Mark
5
B-
Incremental Signal
6
A-
Incremental Signal
7
5V
Power
8
5V
Power
9
0V
Ground
10
Q
Limit
11
P
Limit
12
Z+
Reference Mark
13
B+
Incremental Signal
14
A+
Incremental Signal
15
shield
Nippon Pulse
Your partner in motion control


Similar Part No. - SCR100

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
SCR100 PEAK-SCR100 Datasheet
187Kb / 2P
Atlas SCR - Triac and Thyristor Analyser (Model SCR100)
More results

Similar Description - SCR100

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR050 NPM-SCR050 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR150 NPM-SCR150 Datasheet
1,015Kb / 2P
Nanopositioning Stage
SLP25 NPM-SLP25 Datasheet
428Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com