Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA114EUQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ADA114EUQ
Description  PNP PRE-BIASED DUAL TRANSISTOR IN SOT363
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ADA114EUQ Datasheet(HTML) 3 Page - Diodes Incorporated

  ADA114EUQ Datasheet HTML 1Page - Diodes Incorporated ADA114EUQ Datasheet HTML 2Page - Diodes Incorporated ADA114EUQ Datasheet HTML 3Page - Diodes Incorporated ADA114EUQ Datasheet HTML 4Page - Diodes Incorporated ADA114EUQ Datasheet HTML 5Page - Diodes Incorporated ADA114EUQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADA114EUQ
Document number: DS38841 Rev. 3 - 2
3 of 6
www.diodes.com
April 2021
© Diodes Incorporated
ADA114EUQ
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
Vl(off) (Note 7)
-0.5
-1.1
V
VCC = -5V, IO = -100µA
Vl(on) (Note 8)
1.9
-3.0
VO = -0.3, IO = -10mA
Output Voltage
VO(on)
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
Input Current
Il
-0.88
mA
VI = -5V
Output Current
IO(off)
-0.5
μA
VCC = -50V, VI = 0V
DC Current Gain
Gl
30
VO = -5V, IO = -5mA
Input Resistor (R1) Tolerance
R1
-30
+30
%
Resistance Ratio Tolerance
R2/R1
-20
+20
%
Gain-Bandwidth Product (Note 9)
fT
250
MHz
VCE = -10V, IE = -5mA, f = 100MHz
Notes:
7. Guarantees that the device will be switched OFF if the Input Voltage is less than -0.5V.
8. Guarantees that the device will be switched ON if the Input Voltage is more than -3V.
9. Transistor - For Reference Only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com