Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC124EUQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ADC124EUQ
Description  NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ADC124EUQ Datasheet(HTML) 3 Page - Diodes Incorporated

  ADC124EUQ Datasheet HTML 1Page - Diodes Incorporated ADC124EUQ Datasheet HTML 2Page - Diodes Incorporated ADC124EUQ Datasheet HTML 3Page - Diodes Incorporated ADC124EUQ Datasheet HTML 4Page - Diodes Incorporated ADC124EUQ Datasheet HTML 5Page - Diodes Incorporated ADC124EUQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADC124EUQ
Document number: DS38829 Rev. 3 - 2
3of 6
www.diodes.com
April 2021
© Diodes Incorporated
ADC124EUQ
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
VI(off) (Note 7)
0.5
1.1
V
VCC = 5V, IO = 100μA
VI(on) (Note 8)
1.9
3.0
VO = 0.3V, IO = 5mA
Output Voltage
VO(on)
0.1
0.3
V
IO/II = 10mA / 0.5mA
Input Current
II
0.36
mA
VI = 5V
Output Current
IO(off)
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
GI
56
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
R1
-30
+30
%
Resistance Ratio Tolerance
∆(
R2/R1)
-20
+20
%
Gain-Bandwidth Product (Note 9)
fT
250
MHz
VCE = 10V, IE = 5mA, f = 100MHz
Notes:
7. Guarantees that the device will be switched OFF if the Input Voltage is less than 0.5V.
8. Guarantees that the device will be switched ON if the Input Voltage is more than 3V.
9. Transistor - For Reference Only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com