Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX90G301QF-R710 Datasheet(PDF) 13 Page - CML Microcircuits

Part # CMX90G301QF-R710
Description  CMX90G301 1.47.1GHz Positive Gain-Slope Amplifier 1dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G301QF-R710 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button CMX90G301QF-R710 Datasheet HTML 8Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 9Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 10Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 11Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 12Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 13Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 14Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 15Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +1dB
CMX90G301
www.cmlmicro.com
Page 13
D/90G301/3 September 2022
The PCB consists of a top layer of R04350 backed by 2 layers of FR-4 with a total thickness of 1.606 mm (Figure 32) and
the EV90G301 PCB (Figure 33) is 20 mm x 45 mm. The coplanar RF transmission lines have a width of 0.525 mm with a
gap of 0.27 mm to ground either side. The through line length has been reduced by 3mm to account for the length of
the device.
Figure 32: EV90G301 Layer Stack
Figure 33: EV90G301 PCB Top Layer View
FR4
Solder Mask
0.056
bottom layer
0.033
ground plane
0.254
0.894
strength
FR4
RO4350 (εr = 3.66)
0.035
ground plane
0.254
0.040
top layer
Solder Mask
0.020
solder mask
0.020
solder mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com