Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT1003RBFLL Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT1003RBFLL
Description  POWER MOS 7 FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1003RBFLL Datasheet(HTML) 1 Page - Advanced Power Technology

  APT1003RBFLL Datasheet HTML 1Page - Advanced Power Technology APT1003RBFLL Datasheet HTML 2Page - Advanced Power Technology APT1003RBFLL Datasheet HTML 3Page - Advanced Power Technology APT1003RBFLL Datasheet HTML 4Page - Advanced Power Technology APT1003RBFLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
G
D
S
Power MOS 7
® is a new generation of low loss, high voltage, N-Channel
enhancement mode power MOSFETS. Both conduction and switching
losses are addressed with Power MOS 7
® by significantly lowering R
DS(ON)
and Q
g. Power MOS 7
® combines lower conduction and switching losses
along with exceptionally fast switching speeds inherent with APT's
patented metal gate structure.
POWER MOS 7
R
FREDFET
• Lower Input Capacitance
• Increased Power Dissipation
• Lower Miller Capacitance
• Easier To Drive
• Lower Gate Charge, Qg
• TO-247 or Surface Mount D3PAK Package
FAST RECOVERY BODY DIODE
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250µA)
Drain-Source On-State Resistance 2
(V
GS
= 10V, 2A)
Zero Gate Voltage Drain Current (V
DS
= 1000V, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 800V, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 1mA)
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1
(Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Ohms
µA
nA
Volts
MIN
TYP
MAX
1000
3.00
250
1000
±100
35
APT1003RBFLL_SFLL
1000
4
16
±30
±40
139
1.11
-55 to 150
300
4
10
425
APT1003RBFLL
APT1003RSFLL
1000V 4A 3.00
TO-247
D3PAK


Similar Part No. - APT1003RBFLL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT1003RBFLL ISC-APT1003RBFLL Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - APT1003RBFLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M11JFLL ADPOW-APT20M11JFLL Datasheet
171Kb / 5P
POWER MOS 7 FREDFET
APT30M30B2FLL ADPOW-APT30M30B2FLL Datasheet
154Kb / 5P
POWER MOS 7 FREDFET
APT30M75BFLL ADPOW-APT30M75BFLL Datasheet
69Kb / 4P
POWER MOS 7 FREDFET
APT1201R4BFLL ADPOW-APT1201R4BFLL Datasheet
124Kb / 4P
POWER MOS 7 FREDFET
APT1204R7BFLL ADPOW-APT1204R7BFLL Datasheet
121Kb / 4P
POWER MOS 7 FREDFET
APT11026JFLL ADPOW-APT11026JFLL Datasheet
39Kb / 2P
POWER MOS 7 FREDFET
APT11044JFLL ADPOW-APT11044JFLL Datasheet
102Kb / 5P
POWER MOS 7 FREDFET
APT20M16B2FLL ADPOW-APT20M16B2FLL_04 Datasheet
165Kb / 5P
POWER MOS 7 FREDFET
APT20M20B2FLL ADPOW-APT20M20B2FLL_04 Datasheet
160Kb / 5P
POWER MOS 7 FREDFET
APT5010JFLL ADPOW-APT5010JFLL_04 Datasheet
175Kb / 5P
POWER MOS 7 FREDFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com