Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM072C Datasheet(PDF) 13 Page - New Japan Radio

Part # NJM072C
Description  LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM072C Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJM072C Datasheet HTML 9Page - New Japan Radio NJM072C Datasheet HTML 10Page - New Japan Radio NJM072C Datasheet HTML 11Page - New Japan Radio NJM072C Datasheet HTML 12Page - New Japan Radio NJM072C Datasheet HTML 13Page - New Japan Radio NJM072C Datasheet HTML 14Page - New Japan Radio NJM072C Datasheet HTML 15Page - New Japan Radio NJM072C Datasheet HTML 16Page - New Japan Radio NJM072C Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
NJM072C/074C NJM072CA/074CA
NJM082C/084C NJM082CA/084CA
- 13 -
Ver.5.0
www.njr.com
■ PACKAGE DIMENSIONS
D
1 4
8
1
7
E 1
1 2 ×e
T
U
E
θ
h ×4 5 °
D E T A I L F
C C C Z
A
A 1
A 2
Z
SEAT ING
PLA NE
1 4 × b
b b b M
Z
S T S
U
C
L
θ1
D E T A I L F
. 0 1 [ 0 . 2 5 ]
DE SC RI PT IO N
SY MB OL
I NC H
MI LL IM ET ER
MI N
NC M
M AX
M IN
N CM
M AX
TO TA L TH IC K NE SS
A
. 05 3
. 06 9
1 .3 5
1 .7 5
ST AN D OF F
A1
. 00 4
. 01 0
0 .1 0
0 .2 5
M OL D TH IC KN ES S
A 2
. 04 9
-
1. 25
-
L EA D WI DT H
b
. 01 3
. 02 0
0. 33
0 . 51
L/ F TH IC K NE SS
C
. 00 7
. 01 0
0 .1 9
0 .2 5
B OD Y SI ZE
D
. 33 7
. 34 4
8 .5 5
8 .7 5
E 1
. 15 0
. 15 7
3 .8 0
4 .0 0
E
. 22 8
. 24 4
5 .8 0
6 .2 0
LE AD P IT CH
e
. 05 0 BS C
1 .2 7 B SC
L
. 01 6
. 05 0
0 .4 0
1 . 27
h
.0 10
. 0 20
0 .2 5
0. 50
θ
0 °
8 °
0 °
8 °
θ 1
5 °
15 °
5 °
1 5 °
L EA D ED GE O FF SE T
a aa
. 01 0
0. 25
L EA D O FF SE T
bb b
. 0 10
0 .2 5
CO PL AN AR I TY
CC C
.0 04
0 . 10
M
a a a
U
M
G A U G E P L A N E
R O T A T E D 9 0 ° C C W
SOP14
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com