Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2254/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2254/1
Description  Customer SpecificationS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2254/1 Datasheet(HTML) 1 Page - Alpha Wire

  2254/1 Datasheet HTML 1Page - Alpha Wire 2254/1 Datasheet HTML 2Page - Alpha Wire 2254/1 Datasheet HTML 3Page - Alpha Wire 2254/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 2254/1
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 COND
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.016" Wall, Nom. PVC
0.062
(1) Color Code
Alpha Wire Color Code D1
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2) Shield
Bare Copper SPIRAL Shield,95%
Coverage, Min.
3) Jacket
0.020" Wall, Nom.,PVC
0.112 (0.119 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 2254/1
RU AWM 1108 80C 300V VW-1 CE ROHS
* = Factory Code
1) UL
AWM/STYLE 1108
80°C / 300 VRMS
2) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.


Similar Part No. - 2254/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2254/1 ALPHAWIRE-2254/1 Datasheet
120Kb / 4P
Customer Specification
8/24/2022
More results

Similar Description - 2254/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com