Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40GP90J Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT40GP90J
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP90J Datasheet(HTML) 3 Page - Advanced Power Technology

  APT40GP90J Datasheet HTML 1Page - Advanced Power Technology APT40GP90J Datasheet HTML 2Page - Advanced Power Technology APT40GP90J Datasheet HTML 3Page - Advanced Power Technology APT40GP90J Datasheet HTML 4Page - Advanced Power Technology APT40GP90J Datasheet HTML 5Page - Advanced Power Technology APT40GP90J Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APT40GP90J
TYPICAL PERFORMANCE CURVES
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics(V
GE = 15V)
FIGURE 2, Output Characteristics (V
GE = 10V)
V
GE, GATE-TO-EMITTER VOLTAGE (V)
GATE CHARGE (nC)
FIGURE 3, Transfer Characteristics
FIGURE 4, Gate Charge
V
GE, GATE-TO-EMITTER VOLTAGE (V)
T
J, Junction Temperature (°C)
FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage
FIGURE 6, On State Voltage vs Junction Temperature
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 7, Breakdown Voltage vs. Junction Temperature
FIGURE 8, DC Collector Current vs Case Temperature
TJ = 25°C.
250µs PULSE TEST
<0.5 % DUTY CYCLE
TJ = 25°C
TJ = -55°C
TJ = 125°C
250µs PULSE TEST
<0.5 % DUTY CYCLE
VGE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
TC = 25°C
TC = 125°C
TC = -50°C
160
140
120
100
80
60
40
20
0
200
180
160
140
120
100
80
60
40
20
0
5
4
3
2
1
0
1.10
1.05
1.00
0.95
0.90
IC = 80A
IC = 20A
IC = 40A
0
123
4
5
6
0
123456
0
2
4
6
8
10
0
20
40
60
80
100 120 140 160
6
8
10
12
14
16
-55
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100 125
-50
-25
0
25
50
75 100 125 150
160
140
120
100
80
60
40
20
0
16
14
12
10
8
6
4
2
0
5
4
3
2
1
0
100
90
80
70
60
50
40
30
20
10
0
VCE = 720V
VCE = 450V
VCE = 180V
VGE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
TC = -50°C
TC = 125°C
VGE = 10V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
TC = 25°C
IC = 40A
TJ = 25°C
IC = 20A
IC = 40A
IC = 80A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com