Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

534005 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 534005
Description  Air preparation combination unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

534005 Datasheet(HTML) 1 Page - Festo Corporation.

  534005 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air preparation combination unit
MSB6N-1/4-FRC10:J12M2
Part number: 534005
Data sheet
Feature
Value
Size
6
Series
MS
Actuator lock
Rotary knob with integrated lock
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Fully automatic
Structural design
Filter regulator with pressure gauge
Proportional standard oil mist lubricator
Controller function
Outlet pressure constant
With primary pressure compensation
With secondary exhausting
With return flow function
Bowl guard
Integrated as metal bowl guard
Symbol
00991599
Pressure gauge
with pressure gauge
Operating pressure
1.5 bar ... 12 bar
Pressure regulation range
0.5 bar ... 12 bar
Standard nominal flow rate
1900 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:-]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:-]
Temperature of medium
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Product weight
1713 g
Type of mounting
With accessories
Pneumatic connection 1
1/4 NPT
Pneumatic connection 2
1/4 NPT
Note on materials
RoHS-compliant
11/30/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 534005

ManufacturerPart #DatasheetDescription
logo
Theben AG
5340001 THEBEN-5340001 Datasheet
648Kb / 2P
Time and light control Dimmer
07/04/2025
logo
Festo Corporation.
534001 FESTO-534001 Datasheet
90Kb / 1P
Air preparation combination unit
11/30/22
logo
Aavid, Thermal Division...
534002B02554G AAVID-534002B02554G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
534003 FESTO-534003 Datasheet
90Kb / 1P
Air preparation combination unit
11/30/22
534007 FESTO-534007 Datasheet
90Kb / 1P
Air preparation combination unit
11/30/22
More results

Similar Description - 534005

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541432 FESTO-541432 Datasheet
93Kb / 1P
Air preparation combination unit
1/27/22
541433 FESTO-541433 Datasheet
93Kb / 1P
Air preparation combination unit
1/27/22
542280 FESTO-542280 Datasheet
93Kb / 1P
Air preparation combination unit
1/27/22
542293 FESTO-542293 Datasheet
113Kb / 2P
Air preparation combination unit
1/27/22
542294 FESTO-542294 Datasheet
106Kb / 1P
Air preparation combination unit
1/27/22
542298 FESTO-542298 Datasheet
94Kb / 1P
Air preparation combination unit
1/27/22
543552 FESTO-543552 Datasheet
104Kb / 1P
Air preparation combination unit
1/27/22
543560 FESTO-543560 Datasheet
114Kb / 2P
Air preparation combination unit
1/27/22
543563 FESTO-543563 Datasheet
112Kb / 1P
Air preparation combination unit
1/27/22
543566 FESTO-543566 Datasheet
109Kb / 1P
Air preparation combination unit
1/27/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com