Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GP60JDQ2 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT50GP60JDQ2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GP60JDQ2 Datasheet(HTML) 1 Page - Advanced Power Technology

  APT50GP60JDQ2 Datasheet HTML 1Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 2Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 3Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 4Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 5Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 6Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 7Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 8Page - Advanced Power Technology APT50GP60JDQ2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APT50GP60JDQ2
TYPICAL PERFORMANCE CURVES
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (V
GE = 0V, I C = 525µA)
Gate Threshold Voltage (V
CE = VGE, I C = 1mA, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 50A, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 50A, Tj = 125°C)
Collector Cut-off Current (V
CE = 600V, VGE = 0V, Tj = 25°C)
2
Collector Cut-off Current (V
CE = 600V, VGE = 0V, Tj = 125°C)
2
Gate-Emitter Leakage Current (V
GE = ±20V)
Symbol
V
(BR)CES
V
GE(TH)
V
CE(ON)
I
CES
I
GES
Units
Volts
µA
nA
Symbol
V
CES
V
GE
I
C1
I
C2
I
CM
SSOA
P
D
T
J,TSTG
T
L
APT50GP60JDQ2
600
±30
100
46
190
190A @ 600V
329
-55 to 150
300
UNIT
Volts
Amps
Watts
°C
Parameter
Collector-Emitter Voltage
Gate-Emitter Voltage
Continuous Collector Current @ T
C = 25°C
Continuous Collector Current @ T
C = 110°C
Pulsed Collector Current 1
Switching Safe Operating Area @ T
J = 150°C
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
APT Website - http://www.advancedpower.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
MIN
TYP
MAX
600
3
4.5
6
2.2
2.7
2.1
525
3000
±100
The POWER MOS 7® IGBT is a new generation of high voltage power IGBTs. Using Punch
Through Technology this IGBT is ideal for many high frequency, high voltage switching
applications and has been optimized for high frequency switchmode power supplies.
• Low Conduction Loss
• SSOA Rated
• Low Gate Charge
• Ultrafast Tail Current shutoff
POWER MOS 7® IGBT
®
C
E
G
600V
APT50GP60JDQ2
SO
T-2
27
ISOTOP®
file # E145592
"UL Recognized"
G
E
E
C


Similar Part No. - APT50GP60JDQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
POWER MOS 7 IGBT
More results

Similar Description - APT50GP60JDQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
POWER MOS 7 IGBT
APT26GU30B ADPOW-APT26GU30B Datasheet
166Kb / 6P
POWER MOS 7 IGBT
APT26GU30K ADPOW-APT26GU30K Datasheet
172Kb / 6P
POWER MOS 7 IGBT
APT30GP60BDQ1 ADPOW-APT30GP60BDQ1 Datasheet
438Kb / 9P
POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
POWER MOS 7 IGBT
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com