Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT466FL Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT466FL
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT466FL Datasheet(HTML) 1 Page - Advanced Power Technology

  APT466FL Datasheet HTML 1Page - Advanced Power Technology APT466FL Datasheet HTML 2Page - Advanced Power Technology APT466FL Datasheet HTML 3Page - Advanced Power Technology APT466FL Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
RF POWER MOSFETs
N- CHANNEL ENHANCEMENT MODE
200V
300W
45MHz
The ARF466FL is a rugged high voltage RF power transistor designed for scientific, commercial, medical and industrial
RF power amplifier applications up to 45 MHz. It has been optimized for both linear and high efficiency classes of
operation.
• Specified 150 Volt, 40.68 MHz Characteristics:
•
Output Power = 300 Watts.
•
Gain = 16dB (Class AB)
•
Efficiency = 75% (Class C)
• Low Cost Flangeless RF Package.
• Low Vth thermal coefficient.
• LowThermalResistance.
• Optimized SOA for Superior Ruggedness.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
R
DS(ON)
I
DSS
I
GSS
g
fs
V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 µA)
Drain-Source On-State Resistance 1 (V
GS = 10V
, I
D = 6.5A
)
Zero Gate Voltage Drain Current (V
DS = 1000V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 800V, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Forward Transconductance (V
DS = 25V, ID = 6.5A)
Gate Threshold Voltage (V
DS = VGS, ID = 1mA)
MIN
TYP
MAX
1000
0.90
25
250
±100
3.3
7
9
24
UNIT
Volts
ohms
µA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
R
θJC
T
J,TSTG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C = 25°C
Gate-Source Voltage
Total Power Dissipation @ T
C = 25°C
Junction to Case
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF466FL
1000
1000
13
±30
450
0.30
-55 to 175
300
UNIT
Volts
Amps
Volts
Watts
°C/W
°C
G
D
S
ARF466FL
ARF466FL


Similar Part No. - APT466FL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
244Kb / 9P
High Speed PT IGBT
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
2Mb / 44P
Power Semiconductors Power Modules
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
More results

Similar Description - APT466FL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF449A ADPOW-ARF449A Datasheet
52Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
ARF464A ADPOW-ARF464A Datasheet
102Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Microsemi Corporation
ARF446G MICROSEMI-ARF446G Datasheet
87Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF461A MICROSEMI-ARF461A Datasheet
147Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466A MICROSEMI-ARF466A Datasheet
147Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466FL MICROSEMI-ARF466FL Datasheet
148Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF467FL MICROSEMI-ARF467FL Datasheet
247Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466FL MICROSEMI-ARF466FL_10 Datasheet
138Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com