Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT5010JLLU3 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT5010JLLU3
Description  ISOTOP Buck chopper MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5010JLLU3 Datasheet(HTML) 3 Page - Advanced Power Technology

  APT5010JLLU3 Datasheet HTML 1Page - Advanced Power Technology APT5010JLLU3 Datasheet HTML 2Page - Advanced Power Technology APT5010JLLU3 Datasheet HTML 3Page - Advanced Power Technology APT5010JLLU3 Datasheet HTML 4Page - Advanced Power Technology APT5010JLLU3 Datasheet HTML 5Page - Advanced Power Technology APT5010JLLU3 Datasheet HTML 6Page - Advanced Power Technology APT5010JLLU3 Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APT5010JLLU3
APT website – http://www.advancedpower.com
3 – 7
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
MOSFET
0.33
RthJC
Junction to Case
Diode
1.21
RthJA
Junction to Ambient (IGBT & Diode)
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG Storage Temperature Range
-55
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g
Typical MOSFET Performance Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com