Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF20X60P2 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGF20X60P2
Description  3 Phase bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF20X60P2 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGF20X60P2 Datasheet HTML 1Page - Advanced Power Technology APTGF20X60P2 Datasheet HTML 2Page - Advanced Power Technology APTGF20X60P2 Datasheet HTML 3Page - Advanced Power Technology APTGF20X60P2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APTGF20X60E2
APTGF20X60P2
APT website – http://www.advancedpower.com
2 - 4
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 500µA
600
V
Tj = 25°C
1
500
µA
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
1
mA
Tj = 25°C
2.0
2.5
VCE(on) Collector Emitter on Voltage
VGE = 15V
IC = 20A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 0.5mA
3
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Cies
Input Capacitance
1100
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
70
pF
Td(on)
Turn-on Delay Time
45
Tr
Rise Time
23
Td(off)
Turn-off Delay Time
107
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 20A
RG = 27Ω
18
ns
Td(on)
Turn-on Delay Time
47
Tr
Rise Time
24
Td(off)
Turn-off Delay Time
125
Tf
Fall Time
21
ns
Eoff
Turn off Energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 300V
IC = 20A
RG = 27Ω
0.38
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tj = 25°C
1.25 1.6
VF
Diode Forward Voltage
IF = 20A
VGE = 0V
Tj = 125°C
1.2
V
ER
Reverse Recovery Energy
IF = 20A
VR = 300V
di/dt =800A/µs
Tj = 125°C
0.43
mJ
Tj = 25°C
1.4
Qrr
Reverse Recovery Charge
IF = 20A
VR = 300V
di/dt =800A/µs Tj = 125°C
2.4
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max Unit
IGBT
1
RthJC
Junction to Case
Diode
1.5
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
Torque Mounting torque
To Heatsink
M5
2
3.5
N.m
Wt
Package Weight
185
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com