| Electronic Components Datasheet Search |
|
REF35500QDBVR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF35500QDBVR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 35 page ![]() 5 Device Comparison PRODUCT VREF SOT-23 (6) WCSP (4) (1) REF35102QDBVR REF35102YBHR 1.024 V REF35120QDBVR REF35120YBHR 1.2 V REF35125QDBVR REF35125YBHR 1.25 V REF35160QDBVR REF35160YBHR 1.6 V REF35180QDBVR REF35180YBHR 1.8 V REF35205QDBVR REF35205YBHR 2.048 V REF35250QDBVR REF35250YBHR 2.5 V REF35300QDBVR REF35300YBHR 3.0 V REF35330QDBVR REF35330YBHR 3.3 V REF35409QDBVR REF35409YBHR 4.096 V REF35500QDBVR REF35500YBHR 5.0 V (1) Product preview. Contact local TI support for samples. 6 Pin Configuration and Functions Not to scale VREF NR VIN GND GND EN 1 2 3 6 5 4 Figure 6-1. DBV Package 6-Pin SOT-23 Top View Not to scale VREF VIN GND EN A1 A2 B1 B2 Preview only Figure 6-2. YBH Package 4-Pin WCSP Top View Table 6-1. Pin Functions PIN TYPE DESCRIPTION NAME SOT-23 WCSP GND 1 B1 Ground Device ground connection GND 2 - Ground Device ground connection EN 3 B2 Input Enable connection. Enables or disables the device. VIN 4 A2 Power Input supply voltage connection NR 5 - Output Noise reduction pin. Connect a capacitor to reduce noise. VREF 6 A1 Output Reference voltage output www.ti.com REF35 SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: REF35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |