Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2S10FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF2S10FS
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S10FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF2S10FS Datasheet HTML 1Page - Toshiba Semiconductor DF2S10FS Datasheet HTML 2Page - Toshiba Semiconductor DF2S10FS Datasheet HTML 3Page - Toshiba Semiconductor DF2S10FS Datasheet HTML 4Page - Toshiba Semiconductor DF2S10FS Datasheet HTML 5Page - Toshiba Semiconductor DF2S10FS Datasheet HTML 6Page - Toshiba Semiconductor DF2S10FS Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DF2S10FS
2
3. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25�)
Characteristics
Electrostatic discharge voltage (IEC61000-4-2)(Contact)
Junction temperature
Storage temperature
Symbol
VESD
Tj
Tstg
Rating
±30
150
-55 to 150
Unit
kV
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
4. Electrical Characteristics (Unless otherwise specified, Ta = 25�)
VRWM: Working peak reverse
voltage
VZ: Zener voltage
VBR: Reverse breakdown voltage
ZZ: Dynamic impedance
IZ: Zener current
IBR: Reverse breakdown current
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
IF: Forward current
VF: Forward voltage
Fig. 4.1
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Zener voltage
(Reverse breakdown voltage)
Dynamic impedance
Reverse current
Total capacitance
Symbol
VRWM
VZ
(VBR)
ZZ
IR
Ct
Note
Test Condition
IZ = 5 mA
(IBR)
IZ = 5 mA
(IBR)
VRWM = 8 V
VR = 0 V, f = 1 MHz
Min
9.4
Typ.
10.0
16
Max
8
10.6
30
0.5
Unit
V
V
µA
pF
2021-12-16
Rev.4.0
©2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com