Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20AM06S Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM20AM06S
Description  Phase leg Series & parallel diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM06S Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM20AM06S Datasheet HTML 1Page - Advanced Power Technology APTM20AM06S Datasheet HTML 2Page - Advanced Power Technology APTM20AM06S Datasheet HTML 3Page - Advanced Power Technology APTM20AM06S Datasheet HTML 4Page - Advanced Power Technology APTM20AM06S Datasheet HTML 5Page - Advanced Power Technology APTM20AM06S Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM20AM06S
APT website – http://www.advancedpower.com
6- 6
Delay Times vs Current
td(on)
td(off)
10
20
30
40
50
60
70
80
90
100 150 200 250 300 350 400 450 500
ID, Drain Current (A)
VDS=133V
RG=0.8Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
100 150 200 250 300 350 400 450 500
ID, Drain Current (A)
VDS=133V
RG=0.8Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
500
1000
1500
2000
2500
3000
3500
4000
100 150 200 250 300 350 400 450 500
ID, Drain Current (A)
VDS=133V
RG=0.8Ω
TJ=125°C
L=100µH
Eon
Eoff
1000
2000
3000
4000
5000
6000
0246
8
10
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=300A
TJ=125°C
L=100µH
0
50
100
150
200
250
300
350
400
30 60 90 120 150 180 210 240 270
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=0.8Ω
TJ=125°C
TJ=25°C
TJ=150°C
1
10
100
1000
10000
0.30.5 0.70.9 1.11.3 1.51.7 1.9
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com