Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADTC124EUAQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ADTC124EUAQ
Description  NPN PRE-BIASED TRANSISTOR IN SOT323
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ADTC124EUAQ Datasheet(HTML) 2 Page - Diodes Incorporated

  ADTC124EUAQ Datasheet HTML 1Page - Diodes Incorporated ADTC124EUAQ Datasheet HTML 2Page - Diodes Incorporated ADTC124EUAQ Datasheet HTML 3Page - Diodes Incorporated ADTC124EUAQ Datasheet HTML 4Page - Diodes Incorporated ADTC124EUAQ Datasheet HTML 5Page - Diodes Incorporated ADTC124EUAQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ADTC124EUAQ
Document number: DS39211 Rev. 2 - 2
2 of 6
www.diodes.com
February 2021
© Diodes Incorporated
ADTC124EUAQ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage <Pin: (3) to (2)>
VCC
50
V
Input Voltage <Pin: (1) to (2)>
VIN
-10 to +40
V
Output Current
IO
30
mA
Output Current
IC (Max)
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
330
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
375
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Mounted on FR-4 PC Board with minimum recommended pad layout.
Thermal Characteristics and Derating Information
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
Minimum Copper FR4 Board
T
amb
=25°C
Minimum Copper FR4 Board
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
100
200
300
400
Transient Thermal Impedance
D=0.5
D=0.3
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ 1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
Minimum Copper FR4 Board
Pulse Power Dissipation
Pulse Width (s)
Minimum Copper FR-4 Board
Minimum Copper FR-4 Board
Minimum Copper FR-4 Board
TA = 25
°C
Minimum Copper FR-4 Board
Single Pulse
TA = 25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com