Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS100 Datasheet(PDF) 2 Page - Littelfuse

Part # FS100
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS100 Datasheet(HTML) 2 Page - Littelfuse

  FS100 Datasheet HTML 1Page - Littelfuse FS100 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs100med
Rev: 1-A-062316
FS100 SERIES
FLASHER (OFF FIRST)
V = Voltage
R = Reset
L = Load
T1 = ONTime
T2 = OFFTime
T1 ≅ T2
Flasher Function Diagram
Specifications
Technical Data
Operation
OFF/ON solid-state flasher (continuous duty)
Flash Rate
Fixed at 90 FPM ±10%
Custom Flash Rates
10 - 300 FPM ±10%
ON/OFF Ratio
≅ 50%
Input
Voltage/Frequency
24, 120, or 230VAC ±15% / 50/60 Hz
Output
Load Type
Inductive, resistive, or incandescent
Output
Fullwave AC, solid state, SPST
Maximum Load Rating
3A steady state
Inrush
10 times steady state current
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2”); W 50.8 mm (2”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6 .35 mm) male quick connect
terminals
Protection
Circuitry
Encapsulated
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Weight
≅ 2.2 oz (62 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com