Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS324 Datasheet(PDF) 2 Page - Littelfuse

Part # FS324
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS324 Datasheet(HTML) 2 Page - Littelfuse

  FS324 Datasheet HTML 1Page - Littelfuse FS324 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs300
Rev: 1-A-062316
FS300 SERIES
FLASHER (OFF FIRST)
V = Voltage
R = Reset
L = Load
T1 = ONTime
T2 = OFFTime
T1 ≅ T2
Flasher Function Diagram
Specifications
Technical Data
Operation
OFF/ON recycling solid-state flasher
(continuous duty)
Flash Rate
Fixed at 75 FPM ±10%
Custom Flash Rates
60 - 150 FPM
ON/OFF Ratio
≅ 50%
Input
Voltage
12, 24, 36, 48, 72, & 110VDC
Output
Load Type
Incandescent or resistive
Maximum Load Rating
0.25 - 2.5A steady state
Inrush
10 times steady state current
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2”); W 50.8 mm (2”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Protection
Circuitry
Encapsulated
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 2.2 oz (62 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com