Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50DHM75T Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM50DHM75T
Description  Asymmetrical - Bridge MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DHM75T Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM50DHM75T Datasheet HTML 1Page - Advanced Power Technology APTM50DHM75T Datasheet HTML 2Page - Advanced Power Technology APTM50DHM75T Datasheet HTML 3Page - Advanced Power Technology APTM50DHM75T Datasheet HTML 4Page - Advanced Power Technology APTM50DHM75T Datasheet HTML 5Page - Advanced Power Technology APTM50DHM75T Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM50DHM75T
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 250µA
500
V
VGS = 0V,VDS= 500V
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS= 400V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 23A
75
m
W
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.5mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
5600
Coss
Output Capacitance
1200
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
90
pF
Qg
Total gate Charge
123
Qgs
Gate – Source Charge
33
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 250V
ID = 46A
65
nC
Td(on)
Turn-on Delay Time
18
Tr
Rise Time
35
Td(off)
Turn-off Delay Time
87
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 333V
ID = 46A
RG = 5
W
77
ns
Eon
Turn-on Switching Energy
u
755
Eoff
Turn-off Switching Energy
v
Inductive switching @ 25°C
VGS = 15V, VBus = 333V
ID = 46A, RG = 5Ω
726
µJ
Eon
Turn-on Switching Energy
u
1241
Eoff
Turn-off Switching Energy
v
Inductive switching @ 125°C
VGS = 15V, VBus = 333V
ID = 46A, RG = 5Ω
846
µJ
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 70°C
60
A
IF = 60A
1.6
1.8
IF = 120A
1.9
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.4
V
Tj = 25°C
130
trr
Reverse Recovery Time
IF = 60A
VR = 400V
di/dt = 200A/µs
Tj = 125°C
170
ns
Tj = 25°C
220
Qrr
Reverse Recovery Charge
IF = 60A
VR = 400V
di/dt = 200A/µs
Tj = 125°C
920
nC
u Eon includes diode reverse recovery.
v In accordance with JEDEC standard JESD24-1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com