Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF473 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # ARF473
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF473 Datasheet(HTML) 2 Page - Advanced Power Technology

  ARF473 Datasheet HTML 1Page - Advanced Power Technology ARF473 Datasheet HTML 2Page - Advanced Power Technology ARF473 Datasheet HTML 3Page - Advanced Power Technology ARF473 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS (per section)
ARF473
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
V
GS = 0V
V
DS = 50V
f = 1 MHz
V
GS = 15V
V
DD = 0.5 VDSS
I
D = ID[Cont.] @ 25°C
R
G = 1.6 Ω
MIN
TYP
MAX
1200
1600
140
200
912
5.1
10
4.1
8
12.8
20
4.0
8
UNIT
pF
ns
FUNCTIONAL CHARACTERISTICS (Push-Pull Configuration)
Symbol
G
PS
η
ψ
Test Conditions
f = 130MHz
I
dq = 150mA
V
DD = 135V
Pout = 300W
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 5:1
MIN
TYP
MAX
13
14
50
55
UNIT
dB
%
1 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%.
APT Reserves the right to change, without notice, the specifications and information contained herein.
FREQUENCY (MHz)
Figure 1, Typical Gain vs. Frequency
26
24
22
20
18
16
14
12
10
0
25
50
75
100
125
150
Class AB
V
DD = 125V
P
out = 300W
1
5
10
50 100
500
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 4, Typical Maximum Safe Operating Area
TC =+25°C
TJ =+200°C
SINGLE PULSE
80
10
5
1
1ms
10ms
100us
Per transistor section unless otherwise specified.
DATA FOR BOTH SIDES
IN PARALLEL
OPERATION HERE
LIMITED BY RDS (ON)
DC
100ms
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
3000
1000
500
100
50
10
.1
.5
1
5
10
50
Ciss
Coss
Crss
12
10
8
6
4
2
0
0123456
VGS,GATE-TO-SOURCEVOLTAGE(VOLTS)
Figure 3, Typical Transfer Characteristics
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = -55°C
TJ = +125°C
TJ = +25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com