Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS652 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS652
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS652 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS652 Datasheet HTML 1Page - Advanced Power Technology MS652 Datasheet HTML 2Page - Advanced Power Technology MS652 Datasheet HTML 3Page - Advanced Power Technology MS652 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS652.PDF 12-04-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Page 2
MS652/MS652S
RF & MICROWAVE TRANSISTORS
STATIC ELECTRICAL SPECIFICATIONS (TCASE = 25°C)
MS652S
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCES
IC = 25 mA
VBE = 0
36
V
BVCEO
IC = 50 mA
IB = 0
16
V
BVCBO
IC = 25 mA
IE = 0
36
V
BVEBO
IE = 5 mA
IC = 0
4.0
V
ICES
VCE =15 V
VBE = 0
1.0
mA
hFE
VCE = 5 V
IC = 200 mA
10
150
DYNAMIC ELECTRICAL SPECIFICATIONS (TCASE = 25°C)
MS652S
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 512 MHz
VCC = 12.5 V
5
W
GP
f = 512 MHz
VCC = 12.5 V
10
dB
ηη
f = 512 MHz VCC = 12.5 V POUT = 5 W
60
%
COB
f = 1 MHz
VCB = 15 V
15
pF
LARGE SIGNAL IMPEDANCE DATA
Frequency
MHz
ZIN
ZCL
Units
400
1.2 + j0.6
6.5 + j6.5
Ω
440
1.2 + j0.9
7.2 + j6.0
Ω
470
1.2 + j1.2
7.7 + j5.3
Ω
512
1.2 + j1.5
8.3 + j4.5
Ω
Conditions
Vcc = 12.5V, Pout = 5W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com