Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEST1-D7 Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # CEST1-D7
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST1-D7 Datasheet(HTML) 8 Page - PANDUIT CORP.

  CEST1-D7 Datasheet HTML 1Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 2Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 3Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 4Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 5Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 6Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 7Page - PANDUIT CORP. CEST1-D7 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Cable Entry System Plates for Un-Terminated Cables -
Rectangular - Metal
• Aluminum and stainless steel plates are best for high density cabling
and the most demanding environments
• Stainless steel version is suitable for application in the food and chemical areas
• Engineered cable entry system offering a high degree of strain relief
• IP65 (NEMA Type 1 and 12)
• Stainless steel products include integrated fasteners. Aluminum products
require four (4) user supplied 10-32 screws and nuts for mounting.
• Seals are manufactured from NBR / EDPM materials
• Temperature rating: -22 °F - 194 °F (-30 °C - 90 °C)
Part Number
Material
Total
Number of
Openings
Number of
Openings
Size of Openings
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Length
Width
Installed Height
In
mm
In
mm
In
mm
In
mm
CESU2-F25-AL+
Aluminum
25
9
0.12 - 0.20
3.0 - 5.1
5.67
144.0
3.54
89.9
0.22
5.6
1
5
16
0.16 - 0.31
4.1 - 7.9
CESU2-F8-AL+
8
8
0.63 - 1.1
16.0 - 27.9
15.51
393.7
CESU2-F47-AL
47
14
0.14 - 0.26
3.6 - 6.6
8.7
221.0
28
0.18 - 0.33
4.6 - 8.4
4
0.28 - 0.43
7.1 - 10.9
1
0.43 - 0.63
10.9 - 16.0
CESU2-F47-SS*
Stainless
Steel
47
14
0.14 - 0.26
3.6 - 6.6
0.20
5.0
28
0.18 - 0.33
4.6 - 8.4
4
0.28 - 0.43
7.1 - 10.9
1
0.43 - 0.63
10.9 - 16.0
CESU2-H140-SS*+
140
16
0.14 - 0.24
3.6 - 6.1
21.02
533.9
5.87
149.1
0.22
5.6
64
0.18 - 0.33
4.6 - 8.4
36
0.24 - 0.39
6.1 - 9.9
4
0.31 - 0.47
7.9 - 11.9
8
0.35 - 0.55
8.9 - 14.0
8
0.55 - 0.71
14.0 - 18.0
4
0.71 - 0.98
18.0 - 24.9
*Integrated threaded bolts mean that no screws are visible from the outside
+UL Recognized only (UR)
For cutout dimensions, scan the QR code
or visit www.panduit.com/cable-entry-system-drawings
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
©2022 Panduit Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
FRCB3-SA-ENG
09/2022
Cable Entry Systems



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com