Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEST2-C2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CEST2-C2
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST2-C2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  CEST2-C2 Datasheet HTML 1Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 2Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 3Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 4Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 5Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 6Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 7Page - PANDUIT CORP. CEST2-C2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Bulletin
Cable Entry Systems
Panduit Cable Entry Systems complement our already broad and innovative
control panel and on-machine solution that safely organizes, connects and
protects electrical systems.
The Cable Entry Systems offer a safe, organized method to transition cable
and hoses through enclosures and electrical equipment, providing strain
relief while maintaining IP/NEMA ingress sealing ratings.
Traditional cable glands or cord grips require several time-consuming
installation steps and considerable space on the enclosure; the Panduit
offering simplifies the installation and can manage numerous cables in a
very dense space. These design benefits provide up to 80% installation
time savings dramatically increasing productivity and freeing up installers
for other activities. The high-density hole configurations provide up to 80%
space savings which is critical for machine applications that require several
cables with limited space on the equipment. The extra hole locations in the
same dense design allow for future cabling moves, adds, and changes.
While cable glands or cord grips typically only handle unterminated cables,
the Panduit system handles both unterminated and terminated cables for
increased installation productivity.
For more information about the Cable Entry Systems
visit www.panduit.com/cable-entry-systems.
FEATURE
BENEFIT
Round and rectangular solutions
available
Up to 80% labor savings and 80% space savings when multiple cables are
required to pass into same enclosure. One hole / punch can accommodate
up to 12 terminated cables and up to 140 unterminated cables.
Accommodates terminated and
un-terminated cables
Prevents re-termination of cables in order to pass through openings
Selection of IP ratings to accommodate
customer requirements
Meets multiple IP/NEMA ingress sealing ratings to accommodate a variety
of applications that lets the user determine the most suitable solution for
their requirements.
Compatible with standard punch tools
The circular and rectangular designs are compatible with industry standard
electrical cutout punches to ease installation.
Imperial dimensions physically
molded into components
Provides easy reference for customers who standardize on imperial
dimensions
Strain relief
Grommets and sealing membranes prevent cables from over-bending
at cable entry points


Similar Part No. - CEST2-C2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CES-0202C COPAL-CES-0202C Datasheet
880Kb / 4P
SLIDE SWITCHES
CES-0202MC COPAL-CES-0202MC Datasheet
880Kb / 4P
SLIDE SWITCHES
CES-0402C COPAL-CES-0402C Datasheet
880Kb / 4P
SLIDE SWITCHES
CES-0402MC COPAL-CES-0402MC Datasheet
880Kb / 4P
SLIDE SWITCHES
More results

Similar Description - CEST2-C2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
2-1194399-6 MACOM-2-1194399-6 Datasheet
94Kb / 1P
CABLE ENTRY SEAL, 3 ENTRY
2-1194597-9 MACOM-2-1194597-9 Datasheet
99Kb / 1P
CABLE ENTRY SEAL, 3 ENTRY
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
5-520315-8 MACOM-5-520315-8 Datasheet
79Kb / 1P
TRIO-MATE VERTICAL CABLE ENTRY
logo
FIBOX Enclosing innovat...
3550052 FIBOX-3550052 Datasheet
65Kb / 2P
Cable entry set
16.08.2023
3550056 FIBOX-3550056 Datasheet
65Kb / 2P
Cable entry set
16.08.2023
3550387 FIBOX-3550387 Datasheet
65Kb / 2P
Cable entry, size 2
16.08.2023
3550388 FIBOX-3550388 Datasheet
66Kb / 2P
Cable entry, size 2
16.08.2023
3730261 FIBOX-3730261 Datasheet
40Kb / 1P
Cable entry accessory set
16.08.2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com