Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEST2-D2 Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # CEST2-D2
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST2-D2 Datasheet(HTML) 5 Page - PANDUIT CORP.

  CEST2-D2 Datasheet HTML 1Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 2Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 3Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 4Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 5Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 6Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 7Page - PANDUIT CORP. CEST2-D2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Cable Entry System for Un-Terminated Cables - Rectangular
• Engineered cable entry system offering a high degree of strain relief
• For snap-in fastening and/or screwing in place with four (4) user supplied
10-32 screws and nuts
• Snap-in at plate thickness of 0.06" to 0.08" thick
• Identification area suitable for label part number T024X000FJM-BK
printed with the Panduit MP75, MP100, MP200, or MP300 printer.
• Ports feature an innovative polymer membrane that gives a high
quality fit around cables and a high degree of strain relief.
• IP65 (NEMA Type 1 and 12)
• Manufactured from polyamide 6.6 and TPU/EPDM materials
• Flammability: UL94V-0
• Temperature rating: -22 °F – 212 °F (-30 °C – 100 °C)
Part
Number
Total
Number of
Openings
Number of
Openings
Size of Openings
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Length
Width
Installed Height
In
mm
In
mm
In
mm
In
mm
CESU2-E10
10
2
0.12 - 0.26
3.0 - 6.6
5.79
147.1
2.32
58.9
0.59
15.0
1
50
1
0.20 - 0.36
5.1 - 9.1
5
0.35 - 0.55
8.9 - 14.0
2
0.55 - 0.79
14.0 - 20.1
CESU2-E11
11
4
0.12 - 0.26
3.0 - 6.6
0.20 - 0.36
5.1 - 9.1
3
0.55 - 0.79
14.0 - 20.1
CESU2-E12
12
12
0.31 - 0.47
7.9 - 11.9
CESU2-E13
13
2
0.12 - 0.22
3.0 - 5.6
6
0.16 - 0.32
4.1 - 8.1
4
0.35 - 0.55
8.9 - 14.0
1
0.55 - 0.79
14.0 - 20.1
CESU2-E14
14
6
0.12 - 0.26
3.0 - 6.6
4
0.20 - 0.36
5.1 - 9.1
4
0.38 - 0.63
9.7 - 16.0
CESU2-E17
17
17
0.20 - 0.36
5.1 - 9.1
CESU2-E17A
17
11
0.12 - 0.26
3.0 - 6.6
1
0.16 - 0.32
4.1 - 8.1
5
0.31 - 0.49
7.9 - 12.4
CESU2-E22
22
16
0.12 - 0.26
3.0 - 6.6
4
0.20 - 0.36
5.1 - 9.1
2
0.31 - 0.49
7.9 - 12.4
CESU2-E23
23
23
0.16 - 0.32
4.1 - 8.1
CESU2-E29
29
29
0.12 - 0.26
3.0 - 6.6
For cutout dimensions, scan the QR code
or visit www.panduit.com/cable-entry-system-drawings
Cable Entry Systems



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com